データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAP1208-2-A4-TR データシート(PDF) 8 Page - Microchip Technology

部品番号 CAP1208-2-A4-TR
部品情報  8-Channel Capacitive Touch Sensor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208-2-A4-TR データシート(HTML) 8 Page - Microchip Technology

Back Button CAP1208-2-A4-TR Datasheet HTML 4Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 5Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 6Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 7Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 8Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 9Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 10Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 11Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
DS00001570B-page 8
 2014 Microchip Technology Inc.
Chapter 1 Pin Description
Figure 1.1 CAP1208 Pin Diagram (16-Pin QFN)
Table 1.1 Pin Description for CAP1208
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
UNUSED
CONNECTION
1ALERT#
ALERT# - Active low alert / interrupt output for SMBus
alert
OD
Connect to
Ground
2SMDATA
SMDATA - Bi-directional, open-drain SMBus or I2C data
- requires pull-up resistor
DIOD
n/a
3SMCLK
SMCLK - SMBus or I2C clock input - requires pull-up
resistor
DI
n/a
4
VDD
Positive Power supply
Power
n/a
5
N/C
Not internally connected
n/a
Connect to
Ground
6
N/C
Not internally connected
n/a
Connect to
Ground
7
GND
Ground
Power
n/a
8
GND
Ground
Power
n/a
9
CS8
Capacitive Touch Sensor Input 8
AIO
Connect to
Ground
10
CS7
Capacitive Touch Sensor Input 7
AIO
Connect to
Ground
1
2
3
4
12
11
10
9
VDD
SMCLK
SMDATA
CS7
CS5
CS6
CS8
Exposed pad
ALERT#


同様の部品番号 - CAP1208-2-A4-TR

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1208-2-SL-TR MICROCHIP-CAP1208-2-SL-TR Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
More results

同様の説明 - CAP1208-2-A4-TR

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com