データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD404M324RTA-5 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 AD404M324RTA-5
部品情報  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AD404M324RTA-5 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD404M324RTA-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD404M324RTA-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Rev.1
Page 10
AC Characteristics
(
Ta = 0 to + 70°C, Vcc = 3.3V
%, Vss = 0V) *1, *2, *3, *4
Test conditions
• Output load: one TTL Load and 100pF (VCC = 3.3V
%)
• Input timing reference levels:
VIH = 2.0V, VIL = 0.8V (VCC = 3.3V
%)
• Output timing reference levels:
VOH = 2.0V, VOL = 0.8V
10
±
10
±
10
±
Read, Write, Read- Modify- Write and Refresh Cycles
(Common Parameters)
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Random read or write cycle time
tRC
84
-
104
-
ns
RAS precharge time
tRP
30
-
40
-
ns
CAS precharge time in normal mode
tCPN
10
-
10
-
ns
RAS pulse width
tRAS
50
10000
60
10000
ns
5
CAS pulse width
tCAS
8
10000
10
10000
ns
6
Row address setup time
tASR
0
-
0
-
ns
Row address hold time
tRAH
8
-
10
-
ns
Column address setup time
tASC
0
-
0
-
ns
7
Column address hold time
tCAH
8
-
10
-
ns
RAS to CAS delay time
tRCD
12
37
14
45
ns
8
RAS to column address delay time
tRAD
10
25
12
30
ns
9
Column address to RAS lead time
tRAL
25
-
30
-
ns
RAS hold time
tRSH
8
-
10
-
ns
CAS hold time
tCSH
38
-
40
-
ns
CAS to RAS precharge time
tCRP
5
-
5
-
ns
10
OE to Din delay time
tOED
12
-
15
-
ns
Transition time (rise and fall)
tT
1
50
1
50
ns
11
Refresh period
tREF
-
32
-
32
ms
Refresh period (S- Version)
tREF
-
128
-
128
ms
CAS to output in Low- Z
tCLZ
0
-
0
-
ns
CAS delay time from Din
tDZC
0
-
0
-
ns
OE delay time from Din
tDZO
0
-
0
-
ns


同様の部品番号 - AD404M324RTA-5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD404-00 ETC2-AD404-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

同様の説明 - AD404M324RTA-5

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com