データシートサーチシステム |
|
54ACTQ533L データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
54ACTQ533L データシート(HTML) 4 Page - National Semiconductor (TI) |
4 / 8 page DC Characteristics for ’ACTQ Family Devices (Continued) 54ACTQ Symbol Parameter V CC T A = Units Conditions (V) −55˚C to +125˚C Guaranteed Limits I OLD Minimum Dynamic 5.5 50 mA V OLD = 1.65V Max I OHD Output Current (Note 4) 5.5 −50 mA V OHD = 3.85V Min I CC Maximum Quiescent 5.5 80.0 µA V IN = VCC Supply Current or GND (Note 5) V OLP Quiet Output 5.0 1.7 V (Notes 6, 7) Maximum Dynamic V OL V OLV Quiet Output 5.0 −1.2 V (Notes 6, 7) Minimum Dynamic V OL Note 3: All outputs loaded; thresholds on input associated with output under test. Note 4: Maximum test duration 2.0 ms, one output loaded at a time. Note 5: ICC for 54ACTQ @ 25˚C is identical to 74ACQ @ 25˚C. Note 6: Plastic DIP package. Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND. AC Electrical Characteristics 54ACTQ V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 8) C L = 50 pF Min Max t PHL,tPLH Propagation Delay 5.0 1.5 9.0 ns D n to On t PHL,tPLH Propagation Delay 5.0 1.5 10.5 ns LE to O n t PZL,tPZH Output Enable Time 5.0 1.5 10.5 ns t PHZ,tPLZ Output Disable Time 5.0 1.5 10.5 ns Note 8: Voltage Range 5.0 is 5.0V ±0.5V. Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci- fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design. AC Operating Requirements 54ACTQ V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 10) C L = 50 pF Guaranteed Minimum t S Setup Time, HIGH or LOW 5.0 3.0 ns D n to LE t H Hold Time, HIGH or LOW 5.0 1.5 ns D n to LE t W LE Pulse Width, HIGH 5.0 5.0 ns Note 10: Voltage Range 5.0 is 5.0V ±0.5V. www.national.com 4 |
同様の部品番号 - 54ACTQ533L |
|
同様の説明 - 54ACTQ533L |