データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM15851NKE データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM15851NKE
部品情報  Ultra-Wideband RF Sampling Subsystem
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM15851NKE データシート(HTML) 9 Page - Texas Instruments

Back Button LM15851NKE Datasheet HTML 5Page - Texas Instruments LM15851NKE Datasheet HTML 6Page - Texas Instruments LM15851NKE Datasheet HTML 7Page - Texas Instruments LM15851NKE Datasheet HTML 8Page - Texas Instruments LM15851NKE Datasheet HTML 9Page - Texas Instruments LM15851NKE Datasheet HTML 10Page - Texas Instruments LM15851NKE Datasheet HTML 11Page - Texas Instruments LM15851NKE Datasheet HTML 12Page - Texas Instruments LM15851NKE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
LM15851
www.ti.com
SLAS990D – JANUARY 2014 – REVISED JULY 2015
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±500
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
MIN
MAX
UNIT
1.2-V supply: VA12, VD12
1.14
1.26
V
VDD
Supply voltage
1.9-V supply: VA19
1.8
2
V
1.9 supply
≥ 1.2
Supply sequence (power-up and power-down)
V
supply
VCMI
Analog input common mode voltage
V(VCMO) – 0.15
V(VCMO) + 0.15
V
VIN+, VIN– voltage (maintaining common mode)
0
V(VA19)
V
DEVCLK±, SYSREF±, ~SYNC± pin voltage range
0
V(VA19)
V
VID(CLK)
Differential DEVCLK±, SYSREF±, ~SYNC± amplitude
0.4
2
VPP
VCM(CLK)
SYSREF±, ~SYNC± Common Mode
0.64
1.1
V
TA
Ambient temperature
–40
85
°C
TJ
Junction temperature
135
°C
6.4 Thermal Information
LM15851
THERMAL METRIC(1)
NKE (VQFN)
UNIT
68 PINS
RθJA
Thermal resistance, junction-to-ambient
19.8
°C/W
RθJCbot
Thermal resistance, junction-to-case (bottom)
2.7
°C/W
ψJB
Characterization parameter, junction-to-board
9.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 4 GHz at 0.5 VPP with 50% duty
cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical values are at
TA = 25°C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE CHARACTERISTICS
Third-order intermodulation
F1 = 2110 MHz at
−13 dBFS
IMD3
–64
dBc
distortion
F2 = 2170 MHz at
−13 dBFS
DECIMATE-BY-4 MODE
TA = 25°C
59.9
Signal-to-noise ratio,
TA = TMIN to TMAX
56.2
FIN = 600 MHz, –1 dBFS, decimate-by-4
integrated across DDC alias
mode
SNR1
protected output bandwidth
TA = 25°C, calibration = BG
59.2
dBFS
Input frequency-dependent
TA = TMIN to TMAX, calibration = BG
53.3
interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-4 mode
56.4
(1)
To ensure accuracy, the VA19, VA12, and VD12 pins are required to be well bypassed. Each supply pin must be decoupled with one or
more bypass capacitors.
(2)
Interleave related fixed frequency spurs at ƒS / 4 and ƒS / 2 are excluded from all SNR, SINAD, ENOB and SFDR specifications. The
magnitude of these spurs is provided separately.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM15851


同様の部品番号 - LM15851NKE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
More results

同様の説明 - LM15851NKE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
   Ultra Low Power Audio Subsystem
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com