データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACTQ827F データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54ACTQ827F
部品情報  Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ827F データシート(HTML) 4 Page - National Semiconductor (TI)

  54ACTQ827F Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics for ’ACTQ Family Devices (Continued)
Symbol
Parameter
V
CC
(V)
54ACTQ
Units
Conditions
T
A = −55˚C to +125˚C
Guaranteed Limits
V
OLP
Quiet Output
5.0
1.5
V
Maximum Dynamic V
OL
(Notes 6, 7)
V
OLV
Quiet Output
5.0
−1.2
V
Minimum Dynamic V
OL
(Notes 6, 7)
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 6: Plastic DIP package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 8: Max number of data inputs (n−1) inputs switching 0V to 3V (’ACTQ). Input-under-test switching: 3V to threshold (VILD), 0V to threshold. (VIHD), f = 1 MHz.
AC Electrical Characteristics
54ACTQ
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 9)
C
L = 50 pF
Min
Max
t
PHL,tPLH
Propagation Delay
5.0
2.0
9.0
ns
Data to Output
t
PZL,tPZH
Output Enable Time
5.0
2.0
12.5
ns
t
PHZ,tPLZ
Output Disable Time
5.0
1.0
9.0
ns
Note 9: Voltage Range 5.0 is 5.0V ±0.5V.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
82
pF
V
CC = 5.0V
Capacitance
www.national.com
4


同様の部品番号 - 54ACTQ827F

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821F NSC-54ACTQ821F Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821L NSC-54ACTQ821L Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821SD NSC-54ACTQ821SD Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
More results

同様の説明 - 54ACTQ827F

メーカー部品番号データシート部品情報
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ240 NSC-54ACQ240 Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827_00 Datasheet
73Kb / 7P
   Quiet Series 10-Bit Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74FCT827B NSC-74FCT827B Datasheet
293Kb / 3P
   10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACQ NSC-54ACQ Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827 Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ16244 NSC-54ACTQ16244 Datasheet
74Kb / 6P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com