データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACTQ841SD データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54ACTQ841SD
部品情報  Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ841SD データシート(HTML) 2 Page - National Semiconductor (TI)

  54ACTQ841SD Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Functional Description
The ’ACTQ841 consists of ten D-type latches with
TRI-STATE outputs. The flip-flops appear transparent to the
data when Latch Enable (LE) is HIGH. This allows asynchro-
nous operation, as the output transition follows the data in
transition.
On the LE HIGH-to-LOW transition, the data that meets the
setup and hold time is latched. Data appears on the bus
when the Output Enable (OE) is LOW. When OE is HIGH the
bus output is in the high impedance state.
Function Table
Inputs
Internal
Output
Function
OE
LE
D
Q
O
X
X
X
X
Z
High Z
H
H
L
L
Z
High Z
H
H
H
H
Z
High Z
H
L
X
NC
Z
Latched
L
H
L
L
L
Transparent
L
H
H
H
H
Transparent
L
L
X
NC
NC
Latched
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impendance
NC = No Change
Logic Diagram
Pin Assignment
for DIP and Flatpack
DS100250-3
Pin Assignment
for LCC
DS100250-4
DS100250-5
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.national.com
2


同様の部品番号 - 54ACTQ841SD

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821F NSC-54ACTQ821F Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821L NSC-54ACTQ821L Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821SD NSC-54ACTQ821SD Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ827 NSC-54ACTQ827 Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

同様の説明 - 54ACTQ841SD

メーカー部品番号データシート部品情報
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ841 FAIRCHILD-74ACTQ841_00 Datasheet
76Kb / 7P
   Quiet Series 10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
SCAN18373T NSC-SCAN18373T Datasheet
170Kb / 14P
   Transparent Latch with TRI-STATE Outputs
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com