データシートサーチシステム |
|
TDS42840 データシート(PDF) 1 Page - Powerex Power Semiconductors |
|
TDS42840 データシート(HTML) 1 Page - Powerex Power Semiconductors |
1 / 5 page TDS4__4002 Phase Control Thyristor Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697 www.pwrx.com (724)925-7272 4000Amperes 3000Volts FEATURES: Low On-State Voltage High di/dt Capability High dv/dt Capability Hermetic Ceramic Package Excellent Surge and I 2t Ratings APPLICATIONS: DC Power Supplies ORDERING INFORMATION Motor Controls Plating Rectifiers Select the complete 12 digit Part Number using the table below. EXAMPLE: TDS4304002DH is a 3000V 4000A SCR with 300ma IGT and 12 inch gate and cathode potential leads. PART Voltage Rating Voltage Code Current Rating Current Code Turn-Off Gate Leads VDRM-VRRM Itavg Tq IGT TDS4 3000 30 4000 40 0 2 2800 28 2600 26 600us 300ma 12" 2400 24 (typ.) (max) Revised: 10/16/2013 The TDS4 is a medium voltage, high current, thin pack disc SCR employing a amplifing gate structure. This thin package provides greater cooling thus maximizing high current performance. The amplifing gate design allows the SCR to be reliably operated at high di/dt and dv/dt conditions in various phase control applications. Page 1 of 5 |
同様の部品番号 - TDS42840 |
|
同様の説明 - TDS42840 |