データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAP16DPPS05XTTR データシート(PDF) 10 Page - STMicroelectronics

部品番号 STAP16DPPS05XTTR
部品情報  Low voltage 16-bit constant current LED sink driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05XTTR データシート(HTML) 10 Page - STMicroelectronics

Back Button STAP16DPPS05XTTR Datasheet HTML 6Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 7Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 8Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 9Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 10Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 11Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 12Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 13Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical characteristics
STAP16DPPS05
10/33
DocID024306 Rev 6
VDD = 5 V, Tj = 25 °C, unless otherwise specified.
Table 8. Switching characteristics(1)(2)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fclk
Clock frequency
Cascade operation
30
MHz
tPLH1
CLK-OUTn, LE/DM1 = H,
OE/DM2 = L
VIH = VDD
VIL = GND CL = 10 pF
IO = 20 mA VL = 3.0 V
RL = 60 Ω
VDD = 3.3 V
55
90
ns
VDD = 5 V
30
50
tPLH2
LE/DM1-OUTn,
OE/DM2 = L
VDD = 3.3 V
48
80
ns
VDD = 5 V
30
45
tPLH3
OE/DM2-OUTn, LE\DM1 =
H
VDD = 3.3 V
70
120
ns
VDD = 5 V
45
65
tPLH
CLK-SDO
VDD = 3.3 V
21
35
ns
VDD = 5 V
15
25
tPHL1
CLK-OUTn,
LE/DM1 = H,
OE/DM2 = L
VDD = 3.3 V
28
35
ns
VDD = 5 V
22
40
tPHL2
LE/DM1-OUTn,
OE/DM2 = L
VDD = 3.3 V
13
35
ns
VDD = 5 V
12
18
tPHL3
OE/DM2-OUTn,
LE/DM1 = H
VDD = 3.3 V
24
35
ns
VDD = 5 V
21
30
tPHL
CLK-SDO
VDD = 3.3 V
24
40
ns
VDD = 5 V
17
25
tON
Output rise time
10~90% of voltage
waveform
VDD = 3.3 V
30
55
ns
VDD = 5 V
10
20
tOFF
Output fall time
90~10% of voltage
waveform
VDD = 3.3 V
4
10
ns
VDD = 5 V
3
8
tr
CLK rise time (3)
5
µs
tf
CLK fall time (3)
5
1.
All table limits are guaranteed by design.
2.
Not tested in production.
3.
If devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer
between two cascaded devices.


同様の部品番号 - STAP16DPPS05XTTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
STAP16DPS05XTTR STMICROELECTRONICS-STAP16DPS05XTTR Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
More results

同様の説明 - STAP16DPPS05XTTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
   Low voltage 16-bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com