データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB7ANM60N データシート(PDF) 4 Page - STMicroelectronics

部品番号 STB7ANM60N
部品情報  Low input capacitance and gate charge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7ANM60N データシート(HTML) 4 Page - STMicroelectronics

  STB7ANM60N Datasheet HTML 1Page - STMicroelectronics STB7ANM60N Datasheet HTML 2Page - STMicroelectronics STB7ANM60N Datasheet HTML 3Page - STMicroelectronics STB7ANM60N Datasheet HTML 4Page - STMicroelectronics STB7ANM60N Datasheet HTML 5Page - STMicroelectronics STB7ANM60N Datasheet HTML 6Page - STMicroelectronics STB7ANM60N Datasheet HTML 7Page - STMicroelectronics STB7ANM60N Datasheet HTML 8Page - STMicroelectronics STB7ANM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STB7ANM60N, STD7ANM60N
4/20
DocID023350 Rev 2
2
Electrical characteristics
(T
C
= 25 °C unless otherwise specified)
Table 5. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
I
D
= 1 mA, V
GS
= 0
600
V
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 600 V
1
μA
V
DS
= 600 V, T
C
=125 °C
100
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 20 V
±100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA
234
V
R
DS(on)
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 2.5 A
0.84
0.9
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 50 V, f = 1 MHz,
V
GS
= 0
-
363
-
pF
C
oss
Output capacitance
-
24.6
-
pF
C
rss
Reverse transfer
capacitance
-1.1
-
pF
C
oss eq.
(1)
1.
C
oss eq.
is defined as a constant equivalent capacitance giving the same charging time as C
oss
when V
DS
increases from 0 to 80% V
DS
.
Output equivalent
capacitance
V
DS
= 0 to 480 V, V
GS
= 0
-
130
-
pF
R
G
Intrinsic gate
resistance
f = 1 MHz open drain
-
5.4
-
Ω
Q
g
Total gate charge
V
DD
= 480 V, I
D
= 5 A,
V
GS
= 10 V
(see
Figure 16)
-14
-
nC
Q
gs
Gate-source charge
2.7
-
nC
Q
gd
Gate-drain charge
7.7
-
nC
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
= 300 V, I
D
= 2.5 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 17)
-7
-
ns
t
r
Rise time
-
10
-
ns
t
d(off)
Turn-off-delay time
-
26
-
ns
t
f
Fall time
-
12
-
ns


同様の部品番号 - STB7ANM60N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STB7ANM60N ISC-STB7ANM60N Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB7ANM60N VBSEMI-STB7ANM60N Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
More results

同様の説明 - STB7ANM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com