データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS5K データシート(PDF) 1 Page - Shunye Enterprise

部品番号 GS5K
部品情報  SURFACE MOUNT GENERAL RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHUNYE [Shunye Enterprise]
ホームページ  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

GS5K データシート(HTML) 1 Page - Shunye Enterprise

  GS5K Datasheet HTML 1Page - Shunye Enterprise GS5K Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS5A THRU GS5M
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 5.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GS5A
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
200.0
1.15
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
IR
10.0
100.0
RθJA
CJ
TJ,TSTG
47.0
100.0
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 2)
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
GS5B GS5D GS5G GS5J GS5K GS5M
Case: JEDEC DO-214AB molded plastic body over passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.007 ounce, 0.25grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.59)
DO-214AB
Dimensions in inches and (millimeters)
0.126 (3.20)
0.114 (2.90)
0.060(1.52)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.103(2.62)
0.079(2.06)
Glass passivated chip junction
www.shunyegroup.com.cn


同様の部品番号 - GS5K

メーカー部品番号データシート部品情報
logo
Changzhou Shunye Electr...
GS5K SY-GS5K Datasheet
993Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yangzhou yangjie electr...
GS5K YANGJIE-GS5K Datasheet
141Kb / 2P
   General Purpose Rectifier
GS5K YANGJIE-GS5K Datasheet
201Kb / 2P
   General Purpose Rectifier
logo
RFE international
GS5K RFE-GS5K Datasheet
1Mb / 3P
   Surface Mount General Purpose Rectifier GS5A Through GS5M
07-17-2020
logo
Nova Electric. All Righ...
GS5K60-120 NOVA-GS5K60-120 Datasheet
292Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results

同様の説明 - GS5K

メーカー部品番号データシート部品情報
logo
Formosa MS
M1 FORMOSA-M1 Datasheet
118Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S6A FORMOSA-S6A Datasheet
119Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
GS1A SEMTECH_ELEC-GS1A Datasheet
160Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
   Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
   Surface Mount General Rectifier
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yea Shin Technology Co....
M1-L YEASHIN-M1-L Datasheet
713Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Electronics ...
S3A CHENDA-S3A Datasheet
551Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com