データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA064X223K1RACTU データシート(PDF) 1 Page - Kemet Corporation

部品番号 CA064X223K1RACTU
部品情報  Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.022 uF, /-10% Tol, 0612, 100 V, X7R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA064X223K1RACTU データシート(HTML) 1 Page - Kemet Corporation

  CA064X223K1RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/18/2015 - 24f15d0d-3cce-45b2-bdbe-50964429c995
KEMET Part Number: CA064X223K1RACTU
Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.022 uF, +/-10% Tol, 0612, 100 V, X7R
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.6
+/-0.2
W
3.2
+/-0.2
T
0.8
+/-0.1
P
0.8
+/-0.1
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Standard Array/Flexible
Termination
Part Type Description: SMD, MLCC, Array, Flex
Termination, Class II
Temperature Coefficient: X7R
Body Type: SMD Array
Termination Type: Tin (Sn)
Chip Size: 0612
RoHS: Yes
Specifications
Capacitance: 0.022 uF
Voltage: 100 V
Tolerance: +/-10%
Failure Rate: N/A
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


同様の部品番号 - CA064X223K1RACTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
CA064X223K1RACAUTO KEMET-CA064X223K1RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.022 uF, /-10% Tol, 0612, 100 V, X7R
More results

同様の説明 - CA064X223K1RACTU

メーカー部品番号データシート部品情報
logo
Kemet Corporation
CA064X103K1RACTU KEMET-CA064X103K1RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.01 uF, /-10% Tol, 0612, 100 V, X7R
CA064X153K1RACTU KEMET-CA064X153K1RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.015 uF, /-10% Tol, 0612, 100 V, X7R
CA064X223K1RACAUTO KEMET-CA064X223K1RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.022 uF, /-10% Tol, 0612, 100 V, X7R
CA064X103K2RACTU KEMET-CA064X103K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.01 uF, /-10% Tol, 0612, 200 V, X7R
CA064X223K5RACTU KEMET-CA064X223K5RACTU Datasheet
86Kb / 1P
   Array Comm X7R Flex, Ceramic, 0.022 uF, 10%, 50 VDC, X7R, SMD, MLCC, Array, Flex Termination, Class II, 0612
CA064X222K2RACTU KEMET-CA064X222K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 2200 pF, /-10% Tol, 0612, 200 V, X7R
CA064X332K2RACTU KEMET-CA064X332K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 3300 pF, /-10% Tol, 0612, 200 V, X7R
CA064X102K2RACTU KEMET-CA064X102K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 1000 pF, /-10% Tol, 0612, 200 V, X7R
CA064X103K1RACAUTO KEMET-CA064X103K1RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.01 uF, /-10% Tol, 0612, 100 V, X7R
CA064X153K1RACAUTO KEMET-CA064X153K1RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.015 uF, /-10% Tol, 0612, 100 V, X7R
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com