データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PEF22554 データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 PEF22554
部品情報  Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF22554 データシート(HTML) 2 Page - Infineon Technologies AG

  PEF22554 Datasheet HTML 1Page - Infineon Technologies AG PEF22554 Datasheet HTML 2Page - Infineon Technologies AG PEF22554 Datasheet HTML 3Page - Infineon Technologies AG PEF22554 Datasheet HTML 4Page - Infineon Technologies AG PEF22554 Datasheet HTML 5Page - Infineon Technologies AG PEF22554 Datasheet HTML 6Page - Infineon Technologies AG PEF22554 Datasheet HTML 7Page - Infineon Technologies AG PEF22554 Datasheet HTML 8Page - Infineon Technologies AG PEF22554 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
QuadFALC®
PEF 22554
Overview
Delta Sheet
2/30
2002-09-16
1Overview
1.1
Functional Changes
The following function has been changed:
Version status in register VSTR changed from 02H to 05H
The boundary scan part number changed to 142, the boundary scan ID changed to
1. A new BSDL file is required.
The pulse mask programming (registers XPM(2:0)) has to be adjusted.
The MCLK reference clock programming (registers GCM(8:1)) has to be changed.
Variable master clock frequency function always enabled (GCM2(4) = 1).
New feature “automatic short haul/long haul adjustment” available by setting
LIM0.EQON = 1.
Additional automatic resynchronization mode for T1 (new bit: FMR2.7 = AFRS).
Additional compare status field (mode 2) in SS7 mode (new bit: CCR5.6 = CSF2).
2048 kHz synchronization interface according o ITU-T G.703 Sec. 13 (E1). For more
information refer to online Application Notes http://www.infineon.com/falc.
1.2
Correction of Errata
All severe errata of QuadFALC® Version 1.3 have been fixed. For more information
please contact your local sales office.
1.3
Modified Pin Functions
QuadFALC® Version 2.1 is pin-compatible with QuadFALC® Version 1.x. However,
some pin functions have been modified as detailed below:
No 5 V input levels are allowed due to technology restrictions (see Page 24).
The currently unused ("N.C.") pins on V1.3 devices are used as "Core Voltage
Supply" (VDDC) pins and "Voltage Selection" (VSEL) pin on V2.x devices. Due to the
new technology the core voltage is 1.8 V (see Chapter 1.5).
1.4
Package
In addition to the P-TQFP-144-8 package, a P-BGA-160-1 package with a ball pitch of
1.0 mm and a size of 15 mm
× 15 mm is supported (see Figure 4).
1.5
Power Supply
The Version 2.1 device requires two supply voltages, 3.3 V and 1.8 V. For compatibility
reasons, it is possible to operate the device off a single 3.3 V supply, with the 1.8 V


同様の部品番号 - PEF22554

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
PEF22554E INFINEON-PEF22554E Datasheet
324Kb / 18P
   Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
V 2.1 2003-07-02
PEF22554EV3.1 INFINEON-PEF22554EV3.1 Datasheet
366Kb / 2P
   Four - channel E1 / T1 / J1 Frame randLine
PEF22554HT INFINEON-PEF22554HT Datasheet
324Kb / 18P
   Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
V 2.1 2003-07-02
More results

同様の説明 - PEF22554

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
PEF22554HT INFINEON-PEF22554HT Datasheet
324Kb / 18P
   Quad E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
V 2.1 2003-07-02
PEB2256 INFINEON-PEB2256 Datasheet
5Mb / 490P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 3, Aug. 2002
PEB2255 INFINEON-PEB2255 Datasheet
4Mb / 374P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 1, July 2000
PEF2256HV2.2 INFINEON-PEF2256HV2.2 Datasheet
5Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
DS1.1, Oct. 2003
PEF2256H INFINEON-PEF2256H Datasheet
6Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
Version 2.1 Oct. 2003
PEF22504E INFINEON-PEF22504E Datasheet
7Mb / 255P
   Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.3, Jan. 2006
PEF22508E INFINEON-PEF22508E Datasheet
10Mb / 193P
   Octal E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.0, June 2005
logo
Integrated Device Techn...
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
logo
Infineon Technologies A...
PEF22552 INFINEON-PEF22552 Datasheet
298Kb / 2P
   Two-channel E1/T1/J1 Framer and Line Interface Component
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com