データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z00607DA1BA2 データシート(PDF) 3 Page - Kersemi Electronic Co., Ltd.

部品番号 Z00607DA1BA2
部品情報  SENSITIVE GATE TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

Z00607DA1BA2 データシート(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  Z00607DA1BA2 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. Z00607DA1BA2 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. Z00607DA1BA2 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. Z00607DA1BA2 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12
5
10
0.1
1.0
10.0
50.0
ITSM(A),I²t(A²s)
Tj initial=25°C
ITSM
I²t
tp(ms)
Fig 7: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and cor-
responding value of I
2t.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
ITM(A)
Tj=25°C
Tj max.:
Vto= 0.95 V
Rd= 420 m
Tj=Tj max.
VTM(V)
Fig 8: On-state characteristics (maximum values).
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH[Tj] / IGT,IH[Tj=25°C]
IGT
IH
Tj(°C)
Fig 5: Relative variation of gate trigger current and
holding current versus junction temperature (typi-
cal values).
1
10
100
1000
0
1
2
3
4
5
6
7
8
9
ITSM(A)
Tj initial=25°C
F=50Hz
Number of cycles
Fig 6: Non repetitive surge peak on-state current
versus number of cycles.
0
1020
3040
5060
7080
90 100 110
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IT(RMS)(A)
α=180°
Rth(j-a)=Rth(j-l)
Rth(j-a)=150°C/W
Tamb(°C)
Fig 3: RMS on-state current versus ambient tem-
perature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
K=[Zth(j-a)/Rth(j-a)]
tp(s)
Fig 4: Relative variation of thermal impedance
junction to ambient versus pulse duration.
Z00607DA / Z00607MA
3/4
www.kersemi.com


同様の部品番号 - Z00607DA1BA2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
JIEJIE MICROELECTRONICS...
Z00607 JIEJIE-Z00607 Datasheet
353Kb / 4P
   0.8A TRIACs
logo
Unisonic Technologies
Z00607 UTC-Z00607 Datasheet
108Kb / 3P
   0.8A TRIACS
Z00607G-T92-B UTC-Z00607G-T92-B Datasheet
108Kb / 3P
   0.8A TRIACS
Z00607G-T92-B UTC-Z00607G-T92-B Datasheet
127Kb / 3P
   0.8A TRIAC
More results

同様の説明 - Z00607DA1BA2

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com