データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z00607MA1BA2 データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 Z00607MA1BA2
部品情報  SENSITIVE GATE TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

Z00607MA1BA2 データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  Z00607MA1BA2 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. Z00607MA1BA2 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. Z00607MA1BA2 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. Z00607MA1BA2 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Z00607MA
Z00607DA
SENSITIVE GATE TRIACS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
Tl= 50
°C0.8
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C )
tp = 8.3 ms
10.5
A
tp = 10 ms
10
Non repetitive surge peak on-state current
(Tj initial = 110
°C, full cycle)
F = 60Hz
8
I
2t
I
2t Value for fusing
tp = 10 ms
0.5
A
2s
Tstg
Tj
Storage and operating junction temperature range
- 40, + 150
- 40, + 110
°C
Tl
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE RATINGS (limiting values)
IT(RMS) = 0.8A
VDRM = 400V and 600V
IGT = 5mA
FEATURES
Symbol
Parameter
Z00607xA
Unit
DM
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 110
°C
400
600
V
The Z006607xA triacs are intended for general
applications
where
high
gate
sensitivity
is
required.
DESCRIPTION
A1
A2
G
A2
A1
G
TO92
(Plastic)
1/4
www.kersemi.com


同様の部品番号 - Z00607MA1BA2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
Z00607MA1BA2 STMICROELECTRONICS-Z00607MA1BA2 Datasheet
56Kb / 6P
   0.8A TRIAC
Z00607MA1BA2 STMICROELECTRONICS-Z00607MA1BA2 Datasheet
53Kb / 6P
   The Z00607MA is suitable for low power AC switching applications such as fan speed small light controllers
Z00607MA1BA2 STMICROELECTRONICS-Z00607MA1BA2 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
Z00607MA1BA2 STMICROELECTRONICS-Z00607MA1BA2 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607MA1BA2-ND STMICROELECTRONICS-Z00607MA1BA2-ND Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
More results

同様の説明 - Z00607MA1BA2

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com