データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD-190 データシート(PDF) 1 Page - Axiomtek Co., Ltd.

部品番号 LD-190
部品情報  19 Industrial Open Frame LCD Monitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXIOMTEK [Axiomtek Co., Ltd.]
ホームページ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

LD-190 データシート(HTML) 1 Page - Axiomtek Co., Ltd.

  LD-190 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19" Industrial Open Frame LCD Monitor
Features
Flexible, low cost and high performance
For industrial, kiosk, gaming, digital signage application
19" SXGA TFT LCD display
VESA mount
Specifications
Size
19" (5:4)
Signal input
D-sub 15P VGA, 24+5P DVI
Backlight
LED (50Khrs)
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
TN
DC connector
2.5mm diameter
Pixel pitch
0.294x0.294 mm
DC input
12 Vdc / 2.2A
Active area
376.32x301.06 mm
Consumption
26W
Brightness * (typ) 350 cd/m2 (center)
Management
VESA DPMS
Contrast
1000 : 1
Mounting
75x75, 100x100mm VESA mount
Viewing angle
85/85/80/80 degree
Dimension
404.5 (W) x 327 (H) x 50 (D) mm
Resolution
1280 x 1024
Net weight
4.95 kg
Display color
16.7M (6 bit+HiFRC)
Packing
3 pcs / carton
Response time
Tr/Tf=3.6/1.4 mS
Carton size
488x295x485mm
Hor. frequency
30 ~ 80 KHz
Container loading 960/20', 2,112/40'
Ver. frequency
60/70/75 Hz
Operation **
0 ~ 50 degree C
Pixel rate
135 MHz
Storage
-30 ~ 80 degree C
* Different brightness is per customer's request
** Temperature of LCD surface
** Wider temperature -30 ~ 85 degree C is on demand.
Ordering information
Model selection
X: Panel selection
Y: Input selection
Z: Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G: Glass
B:
Specified LCD
H: VGA/DVI/HDMI
R: Resitive
…etc. Specified LCD
P:
DVI/HDMI/DP
C: Surface capacitive
S:
VGA/DVI/S-video
P:
Projective capacitive
I :
IR
S:
SAW
Optional accessories
* Power adapter
100 ~ 240 Vac adapter with 12Vdc / 3A o/p
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable
Product drawing
* All specification and photos are subject to change without notice.
LD-190-XYZ
LD-190
LCD panel
Power
Package
Video
Temperature


同様の部品番号 - LD-190

メーカー部品番号データシート部品情報
logo
Rohm
LD-101 ROHM-LD-101 Datasheet
55Kb / 2P
   Flat displays
logo
Axiomtek Co., Ltd.
LD-101 AXIOMTEK-LD-101 Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-101-AHC AXIOMTEK-LD-101-AHC Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-101-AHG AXIOMTEK-LD-101-AHG Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-101-AHO AXIOMTEK-LD-101-AHO Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
More results

同様の説明 - LD-190

メーカー部品番号データシート部品情報
logo
Advantech Co., Ltd.
IDS-3119 ADVANTECH-IDS-3119_V01 Datasheet
468Kb / 2P
   19 SXGA Industrial Open Frame Monitor
24-Jul-2020
IDS-3119 ADVANTECH-IDS-3119_14 Datasheet
389Kb / 2P
   19" SXGA Industrial Open Frame Monitor
IDS-3119 ADVANTECH-IDS-3119 Datasheet
548Kb / 2P
   19" SXGA Industrial Open Frame Monitor
logo
Axiomtek Co., Ltd.
LD-101 AXIOMTEK-LD-101 Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
logo
Advantech Co., Ltd.
IDS-3119 ADVANTECH-IDS-3119_17 Datasheet
417Kb / 2P
   19' SXGA Industrial Open Frame Monitor
logo
Axiomtek Co., Ltd.
LD-550 AXIOMTEK-LD-550 Datasheet
116Kb / 1P
   55 Industrial Open Frame LCD Monitor
LD-104 AXIOMTEK-LD-104 Datasheet
126Kb / 1P
   10.4 Industrial Open Frame LCD Monitor
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
LD-185 AXIOMTEK-LD-185 Datasheet
135Kb / 1P
   18.5 Industrial Open Frame LCD Monitor
LD-270 AXIOMTEK-LD-270 Datasheet
117Kb / 1P
   27 Industrial Open Frame LCD Monitor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com