データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74VMEH22501A-EP データシート(PDF) 11 Page - Texas Instruments

部品番号 SN74VMEH22501A-EP
部品情報  8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74VMEH22501A-EP データシート(HTML) 11 Page - Texas Instruments

Back Button SN74VMEH22501A-EP_15 Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 9Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 10Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 11Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 12Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 13Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 14Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
SN74VMEH22501A-EP
www.ti.com
SCES625A – FEBRUARY 2005 – REVISED NOVEMBER 2015
7.10 Switching Characteristics for UBT Transceiver (I Version)
over recommended operating conditions (unless otherwise noted) (see Figure 7 and Figure 8); TA = –40°C to 85°C
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
fmax
120
MHz
tPLH
4.8
9.5
3A
3B
ns
tPHL
4.5
8.3
tPLH
5.2
10.6
LE
3B
ns
tPHL
4.7
8.7
tPLH
5.4
10.5
CLKAB
3B
ns
tPHL
4.2
8.4
tPZH
4.2
9.3
OE
3B
ns
tPZL
2.8
8.5
tPHZ
4.2
9.3
OE
3B
ns
tPLZ
2.4
5.7
tr
Transition time, B port (10%–90%)
4.3
ns
tf
Transition time, B port (90%–10%)
4.3
ns
tPLH
1.5
5.9
3B
3A
ns
tPHL
1.7
5.9
tPLH
1.7
5.9
LE
3A
ns
tPHL
1.7
5.9
tPLH
1.1
5.5
CLKBA
3A
ns
tPHL
1.4
5.5
tPZH
1.5
6.2
OE
3A
ns
tPZL
2.1
5.5
tPHZ
0.8
6.2
OE
3A
ns
tPLZ
2.3
5.6
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74VMEH22501A-EP


同様の部品番号 - SN74VMEH22501A-EP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
More results

同様の説明 - SN74VMEH22501A-EP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
logo
NEC
UPB8286 NEC-UPB8286 Datasheet
180Kb / 4P
   8 BIT BUS TRANSCEIVERS
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
   8-Bit Universal Bus Register
logo
ON Semiconductor
74LCX16501 ONSEMI-74LCX16501 Datasheet
188Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised March 2001
74LCX16500 ONSEMI-74LCX16500 Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
logo
Texas Instruments
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com