データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAPA111 データシート(PDF) 1 Page - Axiomtek Co., Ltd.

部品番号 CAPA111
部品情報  1 DDR3 SO-DIMM supports up to 4 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXIOMTEK [Axiomtek Co., Ltd.]
ホームページ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA111 データシート(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA111_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
120
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Features
CAPA111
AMD G-Series APU 3.5" Embedded SBC
with AMD A50M, LVDS/VGA, Dual LANs
and Audio
AMD G-Series APU T40R (1.0 GHz)/ T40E (1.0 GHz)
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
2 SATA-600 supported
6 USB 2.0 ports
4 COM ports
DirectX 11 support
Rear view
Top view
DDR
SO-DIMM
CF type-II
VGA
Ethernet 1
USB 2.0 3~6
USB 2.0 1/2
COM 1
Ethernet 2
SATA
Audio
COM 3/4
PCI Express
Mini Card
COM 2
LVDS
I/O
Ordering Information
Packing List
System
MIO
1 x RS-232/422/485 (COM 1); with +5V/+12V powered
3 x RS-232 (COM 2/3/4) ; with +5V/+12V powered
SATA
2 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports 10/100/1000 Mbps support Wake-on-LAN,
RPL/PXE Boot ROM with Realtek RTL8111E
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
(optional)
Digital I/O
8 channels IN/OUT programmable
Standard
CAPA111VGGA-T40R
(P/N: E38E111101)
3.5" embedded SBC with AMD G-Series APU T40R 1.0 GHz,
A50M chipset, VGA/LVDS, 2 GbE LAN, 2 SATA-600, 4 COM,
6 USB and audio
CAPA111VGGA-T40E
(P/N: E38E111100)
3.5" embedded SBC with AMD G-Series APU T40E 1.0 GHz
and A50M chipset, VGA/LVDS, 2 GbE LAN, 2 SATA-600,
4 COM, 6 USB and audio
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket P=2.0 mm, L=300 mm
1
59384500100E
Audio cable w/ bracket P=2.0 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
Optional
59380000300E
2 x COM w/ bracket P=1.27 x 2.54 L=300 mm
CPU
AMD G-Series APU T40R 1.0 GHz single core and T40E
1.0 GHz dual core onboard
System Memory
1 x 204-pin SO-DIMM supports DDR3-1066 max. up to 4 GB
Chipset
AMD A50M
BIOS
AMI UEFI BIOS
SSD
1 x CompactFlash™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirement
AMD G-Series APU T40E @ 1.0 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.06A
AMD G-Series APU T40R @ 1.0 GHz, 1 GB DDR3
Max. RMS: +12V @ 0.96A
Size
146 x 104mm
Board Thickness
1.6 mm
Operating Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Display
Chipset
AMD G-Series APU integrated graphic engine
T40E/T40R - Radeon™ HD6250
Memory Size
Max. up to 2 GB in 4 GB DDR3 module
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
Fanless
DualView
Low Power
DDR3
DDR3
DDR3
PCIe Mini
PCIe Mini
PCIe Mini
AiRD


同様の部品番号 - CAPA111_16

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
CAPA111 AXIOMTEK-CAPA111_14 Datasheet
350Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_17 Datasheet
225Kb / 1P
   3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
More results

同様の説明 - CAPA111_16

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
EP100 AXIOMTEK-EP100_16 Datasheet
330Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO101 AXIOMTEK-NANO101_14 Datasheet
486Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA112 AXIOMTEK-CAPA112_14 Datasheet
572Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_14 Datasheet
485Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO831 AXIOMTEK-PICO831_14 Datasheet
769Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA110 AXIOMTEK-CAPA110_16 Datasheet
239Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_16 Datasheet
373Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
NANO100 AXIOMTEK-NANO100_16 Datasheet
332Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA111 AXIOMTEK-CAPA111_14 Datasheet
350Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA831 AXIOMTEK-CAPA831_14 Datasheet
493Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO100 AXIOMTEK-PICO100_14 Datasheet
387Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com