データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS120M12BM2 データシート(PDF) 1 Page - Cree, Inc

部品番号 CAS120M12BM2
部品情報  Half-Bridge Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CAS120M12BM2 データシート(HTML) 1 Page - Cree, Inc

  CAS120M12BM2 Datasheet HTML 1Page - Cree, Inc CAS120M12BM2 Datasheet HTML 2Page - Cree, Inc CAS120M12BM2 Datasheet HTML 3Page - Cree, Inc CAS120M12BM2 Datasheet HTML 4Page - Cree, Inc CAS120M12BM2 Datasheet HTML 5Page - Cree, Inc CAS120M12BM2 Datasheet HTML 6Page - Cree, Inc CAS120M12BM2 Datasheet HTML 7Page - Cree, Inc CAS120M12BM2 Datasheet HTML 8Page - Cree, Inc CAS120M12BM2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Subject to change without notice.
www.cree.com
CAS120M12BM2
1.2kV, 13 mΩ All-Silicon Carbide
Half-Bridge Module
C2M MOSFET and Z-Rec® Diode
Features
UltraLowLoss
High-FrequencyOperation
ZeroReverseRecoveryCurrentfromDiode
ZeroTurn-offTailCurrentfromMOSFET
Normally-off,Fail-safeDeviceOperation
EaseofParalleling
CopperBaseplateandAluminumNitrideInsulator
System Benefits
EnablesCompactandLightweightSystems
HighEfficiencyOperation
MitigatesOver-voltageProtection
ReducedThermalRequirements
ReducedSystemCost
Applications
InductionHeating
SolarandWindInverters
DC/DCConverters
LineRegenDrives
BatteryChargers
Package
62mm x 106mm x 30mm
Maximum Ratings (T
C = 25˚C unless otherwise specified)
Symbol
Parameter
Value
Unit
Test Conditions
Notes
V
DSmax
Drain-SourceVoltage
1.2
kV
V
GSmax
Gate-SourceVoltage
-10/+25
V
Absolutemaximumvalues
V
GSop
Gate-SourceVoltage
-5/20
V
Recommendedoperationalvalues
I
D
ContinuousMOSFETDrainCurrent
193
A
VGS=20V,T
C=25˚C
Fig.26
138
VGS=20V,T
C=90˚C
I
D(pulse)
PulsedDrainCurrent
480
A
PulsewidthtplimitedbyT
J(max)
I
F
ContinuousDiodeForwardCurrent
305
A
VGS=-5V,T
C=25˚C
195
VGS=-5V,T
C=90˚C
T
Jmax
JunctionTemperature
-40to+150
˚C
T
C,TSTG
CaseandStorageTemperatureRange
-40to+125
˚C
V
isol
CaseIsolationVoltage
5
kV
AC,50Hz,1min
L
Stray
StrayInductance
15
nH
Measuredbetweenterminals2and3
P
D
PowerDissipation
925
W
TC=25˚C,TJ=150˚C
Fig.25
Part Number
Package
Marking
CAS120M12BM2
Half-BridgeModule CAS120M12BM2
V
DS
1.2 kV
E
sw, Total @ 120A, 150 ˚C
2.1 mJ
R
DS(on)
13 mΩ


同様の部品番号 - CAS120M12BM2

メーカー部品番号データシート部品情報
logo
WOLFSPEED, INC.
CAS120M12BM2 WOLFSPEED-CAS120M12BM2 Datasheet
968Kb / 11P
   1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 1, 2020-11-11
More results

同様の説明 - CAS120M12BM2

メーカー部品番号データシート部品情報
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
   Half-Bridge Module
logo
Inchange Semiconductor ...
CM300DY-12NF ISC-CM300DY-12NF Datasheet
443Kb / 5P
   Half Bridge Module
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com