データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS120M12BM2 データシート(PDF) 9 Page - Cree, Inc

部品番号 CAS120M12BM2
部品情報  Half-Bridge Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CAS120M12BM2 データシート(HTML) 9 Page - Cree, Inc

  CAS120M12BM2 Datasheet HTML 1Page - Cree, Inc CAS120M12BM2 Datasheet HTML 2Page - Cree, Inc CAS120M12BM2 Datasheet HTML 3Page - Cree, Inc CAS120M12BM2 Datasheet HTML 4Page - Cree, Inc CAS120M12BM2 Datasheet HTML 5Page - Cree, Inc CAS120M12BM2 Datasheet HTML 6Page - Cree, Inc CAS120M12BM2 Datasheet HTML 7Page - Cree, Inc CAS120M12BM2 Datasheet HTML 8Page - Cree, Inc CAS120M12BM2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Module Application Note:
TheSiCMOSFETmoduleswitchesatspeedsbeyondwhatiscustomarilyassociatedwithIGBTbasedmodules.
Therefore,specialprecautionsarerequiredtorealizethebestperformance.Theinterconnectionbetweenthegate
driverandmodulehousingneedstobeasshortaspossible.Thiswillaffordthebestswitchingtimeandavoidthe
potentialfordeviceoscillation.Also,greatcareisrequiredtoinsureminimuminductancebetweenthemoduleand
linkcapacitorstoavoidexcessiveV
DSovershoots.
PleaseRefertoapplicationnote:DesignConsiderationswhenusingCreeSiCModulesPart1andPart2.
[CPWR-AN12,CPWR-AN13]
9
9
CAS120M12BM2 Rev. -
Copyright © 2014 Cree, Inc. All rights reserved.
The information in this document is subject to change without notice.
Cree, the Cree logo, and Zero Recovery are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.cree.com/power
• RoHSCompliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred
to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance
with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can
be obtained from your Cree representative or from the Product Documentation sections of www.cree.com.
• REAChCompliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemi-
cal Agency (ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable
future,please contact a Cree representative to insure you get the most up-to-date REACh SVHC Declaration.
REACh banned substance information (REACh Article 67) is also available upon request.
This product has not been designed or tested for use in, and is not intended for use in, applications implanted into
the human body nor in applications in which failure of the product could lead to death, personal injury or property
damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines,
cardiacdefibrillatorsorsimilaremergencymedicalequipment,aircraftnavigationorcommunicationorcontrol
systems,airtrafficcontrolsystems.
Notes


同様の部品番号 - CAS120M12BM2

メーカー部品番号データシート部品情報
logo
WOLFSPEED, INC.
CAS120M12BM2 WOLFSPEED-CAS120M12BM2 Datasheet
968Kb / 11P
   1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 1, 2020-11-11
More results

同様の説明 - CAS120M12BM2

メーカー部品番号データシート部品情報
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
   Half-Bridge Module
logo
Inchange Semiconductor ...
CM300DY-12NF ISC-CM300DY-12NF Datasheet
443Kb / 5P
   Half Bridge Module
logo
Dynex Semiconductor
GP200MHS12 DYNEX-GP200MHS12 Datasheet
99Kb / 10P
   Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
   HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
   IGBT Half Bridge Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
   Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
   Half Bridge IGBT Module
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
   Half Bridge IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com