データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS6080 データシート(PDF) 7 Page - Semtech Corporation

部品番号 GS6080
部品情報  Input signal trace equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6080 データシート(HTML) 7 Page - Semtech Corporation

Back Button GS6080 Datasheet HTML 3Page - Semtech Corporation GS6080 Datasheet HTML 4Page - Semtech Corporation GS6080 Datasheet HTML 5Page - Semtech Corporation GS6080 Datasheet HTML 6Page - Semtech Corporation GS6080 Datasheet HTML 7Page - Semtech Corporation GS6080 Datasheet HTML 8Page - Semtech Corporation GS6080 Datasheet HTML 9Page - Semtech Corporation GS6080 Datasheet HTML 10Page - Semtech Corporation GS6080 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
GS6080
Final Data Sheet
Rev.6
PDS-060045
September 2014
7 of 19
Proprietary & Confidential
www.semtech.com
2.3 AC Electrical Characteristics
Output Voltage
VCMOUT
Common mode
VCC - VOUT
—V
Input Voltage
VCMIN
Common mode
1.4 +
ΔV
DDI/2
VCC - ΔVDDI/2
V—
SD_EN, DISABLE,
EQ_EN Input
VIH
IIH <= 150μA
1.7
V
VIL
IIL <= 150μA
——
0.4
V
SP Drive Strength
2
mA
Notes:
1. Power consumed in GS6080 only. Termination resistors draw extra current.
Table 2-2: DC Electrical Characteristics (Continued)
VCC = +3.3V ±5% or +2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-3: AC Electrical Characteristics
VCC = +3.3V ±5% or +2.5V ±5%; TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
270
6250
Mb/s
1
Additive jitter
6.25Gb/s
19
pspp
2, 7
5.94Gb/s
15
pspp
2, 7
2.97Gb/s
10
pspp
2
1.485Gb/s
10
pspp
2
270Mb/s
30
pspp
2
Rise/Fall time
tr, tf
6.25Gb/s
66
ps
3, 7
tr, tf
SD_EN=0
135
ps
3
tr, tf
SD_EN=1
400
800
ps
3
Mismatch in rise/fall time
tr,
tf
HD/3G/UHD modes
35
ps
7
Duty cycle distortion
SD_EN=0, 6.25Gb/s
18
ps
4, 5, 7
SD_EN=0, 2.97Gb/s
14
ps
4, 5
SD_EN=0, 1.485Gb/s
20
ps
4, 5
—SD_EN=1
50
ps
4, 5
Overshoot
SD_EN=0
10
%
4


同様の部品番号 - GS6080

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INE3 SEMTECH-GS6081-INE3 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INTE3 SEMTECH-GS6081-INTE3 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
More results

同様の説明 - GS6080

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
   high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3190 SEMTECH-GX3190 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
List of Unclassifed Man...
E3500 ETC1-E3500 Datasheet
604Kb / 2P
   EXPLOSIVES TRACE DETECTOR
logo
SICK AG
IRS080-X53XXXX SICK-IRS080-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS080-X11XXXX SICK-IRS080-X11XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS100-X53XXXX SICK-IRS100-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
   Trace Hydrogen Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com