データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS6081-INTE3 データシート(PDF) 11 Page - Semtech Corporation

部品番号 GS6081-INTE3
部品情報  high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6081-INTE3 データシート(HTML) 11 Page - Semtech Corporation

Back Button GS6081-INTE3 Datasheet HTML 7Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 8Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 9Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 10Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 11Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 12Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 13Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 14Page - Semtech Corporation GS6081-INTE3 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GS6081
Final Data Sheet
Rev.4
PDS-060046
July 2014
11 of 19
Proprietary & Confidential
www.semtech.com
4.3.1 Slew Rate Selection (Rise/Fall Time Requirement)
The GS6081 supports two user-selectable output slew rates.
Control of the slew rate is determined by the setting of the SD_EN input pin.
4.4 Output Disable
The GS6081 supports an output disable function for each serial data differential output.
Control of this function is determined by the setting of the serial output disable
(DISABLE1 and DISABLE2) control pins.
Setting this pin LOW, disable power to the current mode serial data output drivers.
When DISABLE1 and DISABLE2 are driven LOW simultaneously, the entire device is
powered down, and the power consumption is minimized.
4.5 Signal Presence Indicator (SP)
The GS6081 supports a signal presence indicator function.
The signal presence pin (SP) is an active-low output that indicates a signal has been
detected at the pre-driver output.
The signal presence function measures signal-edge energy to indicate that the
pre-driver to the serial data outputs is toggling.
Table 4-2: Slew Rate Selection
SD_EN
Rise/Fall Time
0
UHD-SDI (5.94Gb/s), SMPTE ST 424 and SMPTE ST
292 compliant
1
SMPTE ST 259 compliant
Floating
SMPTE ST 259 compliant
Table 4-3: Output Disable
DISABLE1
DISABLE2
SDO1/SDO1
SDO2/SDO2
0
0 or Floating
All Chip Power Down
0
1
High-Impedance
Operational
1 or Floating
0 or Floating
Operational
High-Impedance
1 or Floating
1
Operational
Operational


同様の部品番号 - GS6081-INTE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS6080 SEMTECH-GS6080 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INE3 SEMTECH-GS6080-INE3 Datasheet
716Kb / 19P
   Input signal trace equalization
GS6080-INTE3 SEMTECH-GS6080-INTE3 Datasheet
716Kb / 19P
   Input signal trace equalization
More results

同様の説明 - GS6081-INTE3

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
   BiCMOS INTEGRATED CIRCUIT
1996
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2000
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
   BiCMOS INTEGRATED CIRCUIT
2002
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
   BiCMOS INTEGRATED CIRCUIT
1998
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
   BiCMOS INTEGRATED CIRCUIT
1998
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
   SiGe BiCMOS INTEGRATED CIRCUIT
2009
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Renesas Technology Corp
UPC3250T7L RENESAS-UPC3250T7L Datasheet
303Kb / 18P
   SiGe CMOS/BiCMOS Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com