データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS13101 データシート(PDF) 8 Page - Semtech Corporation

部品番号 TS13101
部品情報  Galvanic Isolated Latching 60V Power Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13101 データシート(HTML) 8 Page - Semtech Corporation

Back Button TS13101 Datasheet HTML 2Page - Semtech Corporation TS13101 Datasheet HTML 3Page - Semtech Corporation TS13101 Datasheet HTML 4Page - Semtech Corporation TS13101 Datasheet HTML 5Page - Semtech Corporation TS13101 Datasheet HTML 6Page - Semtech Corporation TS13101 Datasheet HTML 7Page - Semtech Corporation TS13101 Datasheet HTML 8Page - Semtech Corporation TS13101 Datasheet HTML 9Page - Semtech Corporation TS13101 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS13101
Final Datasheet
Rev 1.0
October 22, 2015
www.semtech.com
8 of 10
Semtech
Package Mechanical Drawings
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Contact Pitch
E
0.50 BSC
Optional Center Pad Width
W2
-
-
2.70
Optional Center Pad Length
T2
-
-
2.70
Contact Pad Spacing
C1
-
4.00
-
Contact Pad Spacing
C2
-
4.00
-
Contact Pad Width X20
X1
-
-
0.35
Contact Pad Length X20
Y1
-
-
0.35
Distance Between Pads
G
0.15
-
-
Notes:
Dimensions and tolerancing per ASME Y14.5M
REF: Reference Dimension, usually without tolerance, for information only.
BSC: Basic Dimension, Theorically exact value shown with tolerances.


同様の部品番号 - TS13101

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
More results

同様の説明 - TS13101

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO1H816G INFINEON-ISO1H816G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com