データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS51221-M033QFNR データシート(PDF) 3 Page - Semtech Corporation

部品番号 TS51221-M033QFNR
部品情報  High Efficiency Regulator IC for Wireless Power Receiver Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221-M033QFNR データシート(HTML) 3 Page - Semtech Corporation

  TS51221-M033QFNR Datasheet HTML 1Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 2Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 3Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 4Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 5Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 6Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 7Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 8Page - Semtech Corporation TS51221-M033QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
3 of 18
Semtech
Functional Block Diagram
Figure 2: TS51221 Block Diagram
Absolute Maximum Rating
Overoperatingfree–airtemperaturerangeunlessotherwisenoted(1,2)
Parameter
Value
Unit
VCC
-0.3to26.4
V
BST
-0.3to(VCC+6)
V
VSW
-1to26.4
V
EN,PG,FB
-0.3to6
V
ElectrostaticDischarge–HumanBodyModel
+/-2k
V
ElectrostaticDischarge–ChargeDeviceModel
+/-500
V
LeadTemperature(soldering,10seconds)
260
°C
Notes:
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.


同様の部品番号 - TS51221-M033QFNR

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
TS51224-M000WCSR SEMTECH-TS51224-M000WCSR Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results

同様の説明 - TS51221-M033QFNR

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com