データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2978-CTE3 データシート(PDF) 5 Page - Gennum Corporation

部品番号 GS2978-CTE3
部品情報  Dual coaxial cable driving outputs with selectable slew rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2978-CTE3 データシート(HTML) 5 Page - Gennum Corporation

  GS2978-CTE3 Datasheet HTML 1Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 2Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 3Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 4Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 5Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 6Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 7Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 8Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
GS2978
HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
Data Sheet
37186 - 7
March 2009
5 of 15
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
11,12
SDO, SDO
Analog
Output
Serial digital differential output.
Center Pad
Power
Connect to most negative power supply plane following the
recommendations in Recommended PCB Footprint on page 12.
Table 1-1: Pin Descriptions
Pin Number
Name
Timing
Type
Description
Parameter
Value
Supply Voltage
-0.5V to 3.6 VDC
Input ESD Voltage
4kV
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Solder Reflow Temperature
260°C
NOTE: Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions or at any other condition beyond those
indicated in the AC/DC Electrical Characteristic sections is not implied.
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%; TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
3.135
3.3
3.465
V
Power Consumption
PD
TA = 25°C,
SDO/SDO enabled
168
180
mW
TA = 25°C,
SDO/SDO disabled
–96
mW
Supply Current
Is
TA = 25°C,
SDO/SDO enabled
–51
mA
TA = 25°C,
SDO/SDO disabled
–29
mA
Output Voltage
VCMOUT
Common mode
VCC - VOUT
–V


同様の部品番号 - GS2978-CTE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2978-CTE3 SEMTECH-GS2978-CTE3 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results

同様の説明 - GS2978-CTE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com