データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2988-INE3 データシート(PDF) 10 Page - Gennum Corporation

部品番号 GS2988-INE3
部品情報  Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2988-INE3 データシート(HTML) 10 Page - Gennum Corporation

Back Button GS2988-INE3 Datasheet HTML 6Page - Gennum Corporation GS2988-INE3 Datasheet HTML 7Page - Gennum Corporation GS2988-INE3 Datasheet HTML 8Page - Gennum Corporation GS2988-INE3 Datasheet HTML 9Page - Gennum Corporation GS2988-INE3 Datasheet HTML 10Page - Gennum Corporation GS2988-INE3 Datasheet HTML 11Page - Gennum Corporation GS2988-INE3 Datasheet HTML 12Page - Gennum Corporation GS2988-INE3 Datasheet HTML 13Page - Gennum Corporation GS2988-INE3 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
GS2988 Dual-Slew-Rate, Cable Driver with 3Gb/s
Capability
Data Sheet
52131 - 4
December 2010
10 of 17
4.4 Output Disable
The GS2988 supports an output disable function for the serial data differential output.
Control of this function is determined by the setting of the DISABLE control pin.
The serial output disable (DISABLE), disables power to the entire device. When asserted
LOW, the SDO/SDO output driver is powered-down.
4.5 Output Signal Presence Indicator (OSP)
The GS2988 supports an output signal presence indicator function.
The output signal presence pin (OSP) is an active-low output that indicates when a valid
output signal has been detected at the pre-driver output.
The output signal presence function measures signal-edge energy to indicate that the
pre-driver to the serial data outputs is toggling.
4.6 Output Amplitude (RSET)
The output amplitude of the GS2988 can be adjusted by changing the value of the RSET
resistor as shown in Figure 4-1. For an 800mVp-p output with a nominal ±7% tolerance,
a value of 750Ω is required. A ±1% SMT resistor should be used.
Table 4-2: Slew Rate Selection
SD/HD
Rise/Fall Time
0
SMPTE 424M & 292M compliant
1
SMPTE 259M compliant
Floating
SMPTE 259M compliant
Table 4-3: Output Disable
DISABLE
SDO/SDO
0
All Chip Power Down
1
Operational
Floating
Operational
Table 4-4: Output Signal Presence Indicator
Pre-Driver Output
OSP Pin
Valid signal present
0
No valid signal present
1


同様の部品番号 - GS2988-INE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2988-INE3 SEMTECH-GS2988-INE3 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
More results

同様の説明 - GS2988-INE3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com