データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2989 データシート(PDF) 9 Page - Gennum Corporation

部品番号 GS2989
部品情報  Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2989 データシート(HTML) 9 Page - Gennum Corporation

Back Button GS2989 Datasheet HTML 5Page - Gennum Corporation GS2989 Datasheet HTML 6Page - Gennum Corporation GS2989 Datasheet HTML 7Page - Gennum Corporation GS2989 Datasheet HTML 8Page - Gennum Corporation GS2989 Datasheet HTML 9Page - Gennum Corporation GS2989 Datasheet HTML 10Page - Gennum Corporation GS2989 Datasheet HTML 11Page - Gennum Corporation GS2989 Datasheet HTML 12Page - Gennum Corporation GS2989 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
GS2989 Dual-Slew-Rate, Dual-Output Cable Driver
with 3Gb/s Capability
Data Sheet
52133 - 4
December 2010
9 of 19
3. Input/Output Circuits
Figure 3-1: Differential Input Stage (DDI/DDI)
Figure 3-2: Differential Output Stage (SDO1/SDO1,
SDO2/SDO2)
Figure 3-3: Control Input (DISABLE1, SD/HD, EQ_EN)
Figure 3-4: Control Input (DISABLE2)
VCC
VCC
DDI
DDI
50
50
5k
10k
EQ RC*
VCC
700p
*RC Network
for Trace Equalization
Vcc
IREF
SDO
SDO
VCC
IN
VREF
Pull-up
80μA typical
(50-150μA)
IN
VREF
Pull-down
80μA typical
(50-150μA)


同様の部品番号 - GS2989

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2989-INE3 SEMTECH-GS2989-INE3 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2989-INTE3 SEMTECH-GS2989-INTE3 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2989-INTE3Z SEMTECH-GS2989-INTE3Z Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
More results

同様の説明 - GS2989

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com