データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPP02N80C3 データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 SPP02N80C3
部品情報  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP02N80C3 データシート(HTML) 1 Page - Infineon Technologies AG

  SPP02N80C3 Datasheet HTML 1Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPP02N80C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2003-10-14
Page 1
SPP02N80C3
SPA02N80C3
Final data
Cool MOS™ Power Transistor
VDS
800
V
RDS(on)
2.7
ID
2
A
Feature
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute)
P-TO220-3-31
P-TO220-3-1
P-TO220-3-31
1
2
3
Marking
02N80C3
02N80C3
Type
Package
Ordering Code
SPP02N80C3
P-TO220-3-1
Q67040-S4432
SPA02N80C3
P-TO220-3-31 Q67040S4634
Maximum Ratings
Parameter
Symbol
Value
Unit
SPA
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
2
1.2
21)
1.21)
A
Pulsed drain current, tp limited by Tjmax
ID puls
6
6
A
Avalanche energy, single pulse
ID=1A, VDD=50V
EAS
90
90
mJ
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=2A, VDD=50V
EAR
0.05
0.05
Avalanche current, repetitive tAR limited by Tjmax
IAR
2
2
A
Gate source voltage
VGS
±20
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
±30
Power dissipation, TC = 25°C
Ptot
42
30.5
W
SPP
Operating and storage temperature
Tj , Tstg
-55...+150
°C


同様の部品番号 - SPP02N80C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPP02N80C3 INFINEON-SPP02N80C3 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP02N80C3 INFINEON-SPP02N80C3 Datasheet
447Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP02N80C3 INFINEON-SPP02N80C3_11 Datasheet
447Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
More results

同様の説明 - SPP02N80C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com