データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12001-C023 データシート(PDF) 4 Page - Semtech Corporation

部品番号 TS12001-C023
部品情報  Battery Management Under-Voltage Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS12001-C023 データシート(HTML) 4 Page - Semtech Corporation

  TS12001-C023 Datasheet HTML 1Page - Semtech Corporation TS12001-C023 Datasheet HTML 2Page - Semtech Corporation TS12001-C023 Datasheet HTML 3Page - Semtech Corporation TS12001-C023 Datasheet HTML 4Page - Semtech Corporation TS12001-C023 Datasheet HTML 5Page - Semtech Corporation TS12001-C023 Datasheet HTML 6Page - Semtech Corporation TS12001-C023 Datasheet HTML 7Page - Semtech Corporation TS12001-C023 Datasheet HTML 8Page - Semtech Corporation TS12001-C023 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS12001
Final Datasheet
Rev 1.3
April 30, 2015
www.semtech.com
4 of 11
Semtech
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Unregulated Supply Input Voltage (V
CC)
1.2
5.5
V
Operating Ambient Temperature, T
A (Note 7)
-20
55
°C
Operating Junction Temperature, T
J
-20
85
°C
Input Bypass Capacitor (C
BYP)
100
nF
(7) TA Max shown here is a guideline. Higher T
A can be tolerated if TJ does not exceed the Absolute Maximum Rating.
Characteristics
Electrical characteristics, V
CC = 1.2V to 5.5V, TJ = 25C, unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Input Supply
V
CC
Input Supply Voltage
1.2
5.5
V
I
q-ON
Quiescent current:
on-active Mode
V
CC = 5V, No Load
70
150
nA
I
q-OFF
Quiescent current:
Off-Active™ Mode
V
CC < VTHRESH, No Load
100
pA
Load Switch
I
OC
Over Current Shutdown
V
CC = 5.0V
3
A
T
OC
Over Current Retry Period
V
CC = 5.0V
1.7
ms
I
LEAK-SW
Output Switch Leakage Current
V
CC < VTHRESH;
V
OUT Grounded
100
pA
Rds-on
Switch On Resistance
V
CC = 5.0V
175
V
CC = 3.3V
200
V
CC = 1.8V
350
Transition Times
t
d1
Transition delay:
on-active to Off-Active™
V
OFF = 2.0V, VCC = 3.0V → 1.5V
650
μs
t
d2
Transition delay:
Off-Active™ to on-active
V
OFF = 2.0V, VCC = 1.5V → 3.0V
1.7
ms
t
ON
Output turn-on rise time
V
CC = 2.5V, RLOAD = 50Ω
200
μs
nPG Output
I
LEAK-nPG
Output Leakage
V
CC = 5.0V, VnPG = 5.5V
100
nA
V
OL-nPG
Low-Level Output Voltage
I
nPG = 5 mA
0.4
V
Off-Active Thresholds
V
OFF
Off-Active™ Threshold
V
THRESH = 1.2V to 3.3V
0.95*
V
THRESH
V
THRESH
1.05*
V
THRESH
V
V
Hys
Off-Active™ to on-active Hysteresis
Rising Transition:
Off-Active™ to on-active
500
mV


同様の部品番号 - TS12001-C023

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
TS12001ITD1022 SILABS-TS12001ITD1022 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001ITD1022T TOUCHSTONE-TS12001ITD1022T Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
More results

同様の説明 - TS12001-C023

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
   Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
   Advanced Load Management Switch
July, 2023 - Rev. 4
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
   Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Fairchild Semiconductor
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
   Advance Load Management Switch
FPF1103 FAIRCHILD-FPF1103 Datasheet
790Kb / 14P
   Advance Load Management Switch
FPF1504 FAIRCHILD-FPF1504 Datasheet
517Kb / 4P
   Advanced Load Management Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com