データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS30111-M015 データシート(PDF) 8 Page - Semtech Corporation

部品番号 TS30111-M015
部品情報  High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30111-M015 データシート(HTML) 8 Page - Semtech Corporation

Back Button TS30111-M015 Datasheet HTML 4Page - Semtech Corporation TS30111-M015 Datasheet HTML 5Page - Semtech Corporation TS30111-M015 Datasheet HTML 6Page - Semtech Corporation TS30111-M015 Datasheet HTML 7Page - Semtech Corporation TS30111-M015 Datasheet HTML 8Page - Semtech Corporation TS30111-M015 Datasheet HTML 9Page - Semtech Corporation TS30111-M015 Datasheet HTML 10Page - Semtech Corporation TS30111-M015 Datasheet HTML 11Page - Semtech Corporation TS30111-M015 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TS30111
Final Datasheet
Rev 1.0
June 2, 2015
www.semtech.com
8 of 21
Semtech
Power Good Output, PG
This is an open drain, active low output. The switched mode
output voltage is monitored and the PG line will remain low
until the output voltage reaches the V
OUT-UV threshold. Once
the internal comparator detects the output voltage is above
the desired threshold, an internal delay timer is activated and
the PG line is de-asserted to high once this delay timer expires.
In the event the output voltage decreases below VOUT-UV, the
PG line will be asserted low and remain low until the output
rises above V
OUT-UV and the delay timer times out. See Figure 2
for the circuit schematic for the PG signal.
Internal Protection Details
Internal Current Limit
The current through the high side FET is sensed on a cycle
by cycle basis and if current limit is reached, it will abbreviate
the cycle. In addition, the device senses the FB pin to identify
hard short conditions and will direct the VSW output to skip 4
cycles if current limit occurs when FB is low. This allows current
built up in the inductor during the minimum on time to decay
sufficiently. Current limit is always active when the regulator
is enabled. Soft start ensures current limit does not prevent
regulator startup.
Under extended over current conditions (such as a short),
the device will automatically disable. Once the over current
condition is removed, the device returns to normal operation
automatically. (Alternately the factory can configure the
device’s NVM to shutdown the regulator if an extended over
current event is detected and require a toggle of the Enable
pin to return the device to normal operation.)
Thermal Shutdown
If the temperature of the die exceeds 170°C (typical), the VSW
outputs will tri-state to protect the device from damage. The
PG and all other protection circuitry will stay active to inform
the system of the failure mode. Once the device cools to 160°C
(typical), the device will start up again, following the normal
soft start sequence. If the device reaches 170°C, the shutdown/
restart sequence will repeat.
Reference Soft Start
The reference in this device is ramped at a rate of 4ms to
prevent the output from overshoot during startup. This ramp
restarts whenever there is a rising edge sensed on the Enable
pin. This occurs in both the fixed and adjustable versions.
During the soft start ramp, current limit is still active, and will
still protect the device in case of a short on the output.
Output Overvoltage
If the output of the regulator exceeds 103% of the regulation
voltage, the VSW outputs will tri-state to protect the device
from damage. This check occurs at the start of each switching
cycle. If it occurs during the middle of a cycle, the switching
for that cycle will complete, and the VSW outputs will tri-state
at the beginning of the next cycle.
VCC Under-Voltage Lockout
The device is held in the off state until VCC reaches 4.3V
(typical). There is a 300mV hysteresis on this input, which
requires the input to fall below 4V (typical) before the device
will disable.


同様の部品番号 - TS30111-M015

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

同様の説明 - TS30111-M015

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com