データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS30111-M025 データシート(PDF) 5 Page - Semtech Corporation

部品番号 TS30111-M025
部品情報  High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30111-M025 データシート(HTML) 5 Page - Semtech Corporation

  TS30111-M025 Datasheet HTML 1Page - Semtech Corporation TS30111-M025 Datasheet HTML 2Page - Semtech Corporation TS30111-M025 Datasheet HTML 3Page - Semtech Corporation TS30111-M025 Datasheet HTML 4Page - Semtech Corporation TS30111-M025 Datasheet HTML 5Page - Semtech Corporation TS30111-M025 Datasheet HTML 6Page - Semtech Corporation TS30111-M025 Datasheet HTML 7Page - Semtech Corporation TS30111-M025 Datasheet HTML 8Page - Semtech Corporation TS30111-M025 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TS30111
Final Datasheet
Rev 1.0
June 2, 2015
www.semtech.com
5 of 21
Semtech
Electrical Characteristics
Electrical characteristics, T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
VCC
Input Supply Voltage
4.5
16
V
I
CC-NORM
Quiescent current
Normal Mode
VCC = 12V, I
LOAD = 0A
5.2
mA
I
CC-NOSWITCH
Quiescent current
Normal Mode – Non-switching
VCC=12V, I
LOAD=0A, Non-switching
2.3
mA
I
CC-STBY
Quiescent current
Standby Mode
VCC = 12V, V
EN = 0V
5
10
uA
VCC Under Voltage Lockout
VCC
-UV
Input Supply Under Voltage
Threshold
VCC Increasing
4.3
V
VCC
-UV_HYST
Input Supply Under Voltage
Threshold Hysteresis
650
mV
OSC
f
OSC
Oscillator Frequency
1
MHz
PG Open Drain Output
t
PG
PG Release Timer
10
ms
I
OH-PG
High-Level Output Leakage
V
PG=5V
0.5
uA
V
OL-PG
Low-Level Output Voltage
I
PG = -0.3mA
0.01
V
EN/nLP Input Voltage Thresholds
V
IH-EN
High Level Input Voltage
2.2
V
V
IL-EN
Low Level Input Voltage
0.8
V
V
HYST-EN
Input Hysteresis
480
mV
I
IN-EN
EN Input Leakage
V
EN=5V
3.5
uA
V
EN=0V
-1.5
uA
Thermal Shutdown
TSD
Thermal Shutdown Junction
Temperature
Note: not tested in production
150
170
°C
TSD
HYST
TSD Hysteresis
Note: not tested in production
10
°C


同様の部品番号 - TS30111-M025

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

同様の説明 - TS30111-M025

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com