データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS30013-M050 データシート(PDF) 2 Page - Semtech Corporation

部品番号 TS30013-M050
部品情報  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30013-M050 データシート(HTML) 2 Page - Semtech Corporation

  TS30013-M050 Datasheet HTML 1Page - Semtech Corporation TS30013-M050 Datasheet HTML 2Page - Semtech Corporation TS30013-M050 Datasheet HTML 3Page - Semtech Corporation TS30013-M050 Datasheet HTML 4Page - Semtech Corporation TS30013-M050 Datasheet HTML 5Page - Semtech Corporation TS30013-M050 Datasheet HTML 6Page - Semtech Corporation TS30013-M050 Datasheet HTML 7Page - Semtech Corporation TS30013-M050 Datasheet HTML 8Page - Semtech Corporation TS30013-M050 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
2 of 18
Semtech
Pin Configuration
Figure 1: 16 Lead 3x3 QFN, Top View
Pin Description
Pin # Pin Symbol Function
Description
1
VSW
Switching Voltage Node
Connected to 4.7uH (typical) inductor
2
VCC
Input Voltage
Input voltage
3
VCC
Input Voltage
Input voltage
4
GND
GND
Primary ground for the majority of the device except the low-side power FET
5
FB
Feedback Input
Regulator FB Voltage. Connects to VOUT for fixed mode and the output
resistor divider for adjustable mode
6
NC
No Connect
Not Connected
7
NC
No Connect
Not Connected
8
PG
Power Good Output
Open-drain output
9
EN
Enable Input
Above 2.2V the device is enabled. GND the pin to put device in standby
mode. Includes internal pull-up
10
BST
Bootstrap Capacitor
Bootstrap capacitor for the high-side FET gate driver. A ceramic capacitor in
the range 15 nF - 200 nF from BST pin to VSW pin
11
VCC
Input Voltage
Input Voltage
12
VSW
Switching Voltage Node
Connected to 4.7uH (typical) inductor
13
VSW
Switching Voltage Node
Connected to 4.7uH (typical) inductor
14
PGND
Power GND
GND supply for internal low-side FET/integrated diode
15
PGND
Power GND
GND supply for internal low-side FET/integrated diode
16
VSW
Switching Voltage Node
Connected to 4.7uH (typical) inductor
17
PAD
Power PAD
Power GND


同様の部品番号 - TS30013-M050

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

同様の説明 - TS30013-M050

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com