データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5KW10A データシート(PDF) 1 Page - Protek Devices

部品番号 SM5KW10A
部品情報  5000 WATT TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM5KW10A データシート(HTML) 1 Page - Protek Devices

  SM5KW10A_15 Datasheet HTML 1Page - Protek Devices SM5KW10A_15 Datasheet HTML 2Page - Protek Devices SM5KW10A_15 Datasheet HTML 3Page - Protek Devices SM5KW10A_15 Datasheet HTML 4Page - Protek Devices SM5KW10A_15 Datasheet HTML 5Page - Protek Devices SM5KW10A_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05333.R6 9/15
Page 1
SM5KW10A - SM5KW36CA
5000 WATT TVS COMPONENT
DESCRIPTION
The SM5KWxxA/CA Series are high-powered surface mount transient voltage suppression components designed to
protect equipment and systems from the damaging effects of high voltage spikes. The DFN-2-5KW surface mount
package configuration provides a lower profile at a reduce cost.
These devices provide 5,000 Watts of peak pulse power dissipation for an 10/1000µs waveform. Applications include
relay drive protection module and secondary lightning protection.
FEATURES
• RTCA DO-160G COMPLIANT PRODUCT
• IEC Compatibility 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-Ground),
L4(Line-Line) & L1 (Power)
• 5,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional & Bidirectional Configurations
• Easy Mounting to Printed Circuit Board
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded DFN-2-5KW
• Approximate Weight: 2.5 grams
• Lead-Free Silver Plating
• Solder Reflow Temperature: 260-270°C
• Flammability Rating UL 94V-0
APPLICATIONS
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection
APPLICATION
DFN-2-5KW PACKAGE
RTCA DO-160G COMPLIANT PRODUCT
Unidirectional
Bidirectional


同様の部品番号 - SM5KW10A_15

メーカー部品番号データシート部品情報
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
More results

同様の説明 - SM5KW10A_15

メーカー部品番号データシート部品情報
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PAM33DOABXXA PROTEC-PAM33DOABXXA Datasheet
496Kb / 7P
   5000 Watt TVS Component
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com