データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1775 データシート(PDF) 11 Page - Infineon Technologies AG

部品番号 TC1775
部品情報  32-Bit Single-Chip Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1775 データシート(HTML) 11 Page - Infineon Technologies AG

Back Button TC1775 Datasheet HTML 7Page - Infineon Technologies AG TC1775 Datasheet HTML 8Page - Infineon Technologies AG TC1775 Datasheet HTML 9Page - Infineon Technologies AG TC1775 Datasheet HTML 10Page - Infineon Technologies AG TC1775 Datasheet HTML 11Page - Infineon Technologies AG TC1775 Datasheet HTML 12Page - Infineon Technologies AG TC1775 Datasheet HTML 13Page - Infineon Technologies AG TC1775 Datasheet HTML 14Page - Infineon Technologies AG TC1775 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
TC1775
Data Sheet
7
V1.2, 2002-05
Preliminary
P1
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P1.8
P1.9
P1.10
P1.11
P1.12
P1.13
P1.14
P1.15
H2
H3
J1
J4
J2
J3
K1
K2
L1
L2
L3
M3
M1
M2
N2
N3
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port 1
Port 1 serves as 16-bit general purpose I/O port or as upper
external address/data bus AD[31:16] (multiplexed bus mode)
or data bus D[31:16] (demultiplexed bus mode) for the EBU.
Port 1 is used as data input by an external bus master when
accessing modules on the internal FPI Bus.
AD16 / D16
Address/data bus line 16 / Data bus line 16
AD17 / D17
Address/data bus line 17/ Data bus line 17
AD18 / D18
Address/data bus line 18 / Data bus line 18
AD19 / D19
Address/data bus line 19 / Data bus line 19
AD20 / D20
Address/data bus line 20 / Data bus line 20
AD21 / D21
Address/data bus line 21 / Data bus line 21
AD22 / D22
Address/data bus line 22 / Data bus line 22
AD23 / D23
Address/data bus line 23 / Data bus line 23
AD24 / D24
Address/data bus line 24 / Data bus line 24
AD25 / D25
Address/data bus line 25 / Data bus line 25
AD26 / D26
Address/data bus line 26 / Data bus line 26
AD27 / D27
Address/data bus line 27 / Data bus line 27
AD28 / D28
Address/data bus line 28 / Data bus line 28
AD29 / D29
Address/data bus line 29 / Data bus line 29
AD30 / D30
Address/data bus line 30 / Data bus line 30
AD31 / D31
Address/data bus line 31 / Data bus line 31
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin
In
Out
Functions


同様の部品番号 - TC1775

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
   Max. output 32V DC, 6.25A
20180821-D
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

同様の説明 - TC1775

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com