データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA21106 データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 TDA21106
部品情報  High speed Driver with bootstrapping for dual Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21106 データシート(HTML) 1 Page - Infineon Technologies AG

  TDA21106 Datasheet HTML 1Page - Infineon Technologies AG TDA21106 Datasheet HTML 2Page - Infineon Technologies AG TDA21106 Datasheet HTML 3Page - Infineon Technologies AG TDA21106 Datasheet HTML 4Page - Infineon Technologies AG TDA21106 Datasheet HTML 5Page - Infineon Technologies AG TDA21106 Datasheet HTML 6Page - Infineon Technologies AG TDA21106 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CoreControl TM
Data Sheet
TDA21106
Rev 2.0
Page 1
Apr, 2004
Number Name
Description
1
GATEHS Gate drive output for the N-Channel
High side MOSFET
2
BOOT
Floating bootstrap pin. To be
connected to the external bootstrap
capacitor to generate the gate drive
voltage for the high side N-Channel
MOSFET
3
PWM
Input for the PWM controller signal
4
GND
Ground
5
GATELS
Gate drive output for the N-Channel
Low Side MOSFET
6
VCC
Supply voltage
7
PVCC
Input to adjust the High Side gate
drive
8
PHASE
To be connected to the junction of
the High Side and the Low Side
MOSFET
• Fast rise and fall times for frequencies up to 2 MHz
• Capable of sinking more than 4A peak currents for lowest switching losses
• Charges High Side MOSFET gate drive voltage from 6 to 12V according to PVCC
setting; Low Side MOSFET at 12 V.
• Adjustable High Side MOSFET gate drive voltage via PVCC pin for optimizing ON
losses and gate drive losses
• Integrates the bootstrap diode for reducing the part count
• Prevents from cross-conducting by adaptive gate drive control
• High voltage rating on Phase node
• Supports shut-down mode for very low quiescent current through three-state input
• Compatible to standard PWM controller ICs (Intersil, Analog Devices)
• Floating High Side MOSFET drive
• Footprint compatible to TDA21101G and HIP6601B
• Ideal for multi-phase Desktop CPU supplies on motherboards and VRM´s
Type
Package
Marking
Ordering Code
TDA21106
P-DSO-8
21106
Q67042-S4223
GATEHS
1
8 PHASE
BOOT
2
7 PVCC
PWM
3
6 VCC
GND
4
5 GATELS
P-DSO-8
High speed Driver with bootstrapping for
dual Power MOSFETs
Features
Top View
Pinout


同様の部品番号 - TDA21106

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21102 INFINEON-TDA21102 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
More results

同様の説明 - TDA21106

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
   Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Analog Devices
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
   Dual MOSFET Driver with Bootstrapping
REV. B
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com