データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB50550ASE データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FSB50550ASE
部品情報  Motion SPMR 5 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50550ASE データシート(HTML) 4 Page - Fairchild Semiconductor

  FSB50550ASE Datasheet HTML 1Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 2Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 3Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 4Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 5Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 6Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 7Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 8Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2013 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FSB50550ASE Rev. C0
Electrical Characteristics (T
J = 25°C, VCC = VBS = 15 V unless otherwise specified.)
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
2nd Notes:
1. BVDSS is the absolute maximum voltage rating between drain and source terminal of each MOSFET inside Motion SPM
® 5 product. V
PN should be sufficiently less than this
value considering the effect of the stray inductance so that VDS should not exceed BVDSS in any case.
2. tON and tOFF include the propagation delay of the internal drive IC. Listed values are measured at the laboratory test condition, and they can be different according to the field
applications due to the effect of different printed circuit boards and wirings. Please see Figure 6 for the switching time definition with the switching test circuit of Figure 7.
3. The peak current and voltage of each MOSFET during the switching operation should be included in the Safe Operating Area (SOA). Please see Figure 7 for the RBSOA test
circuit that is same as the switching test circuit.
4. VTS is only for sensing-temperature of module and cannot shutdown MOSFETs automatically.
5. Built-in bootstrap diode includes around 15 Ω resistance characteristic. Please refer to Figure 2.
Symbol
Parameter
Conditions
Min
Typ Max
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 1 mA (2nd Note 1)
500
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN = 0 V, VDS = 500 V
-
-
1
mA
RDS(on)
Static Drain - Source
Turn-On Resistance
VCC = VBS = 15 V, VIN = 5 V, ID = 1.2 A
-
1.0
1.4
VSD
Drain - Source Diode
Forward Voltage
VCC = VBS = 15V, VIN = 0 V, ID = -1.2 A
-
-
1.2
V
tON
Switching Times
VPN = 300 V, VCC = VBS = 15 V, ID = 1.2 A
VIN = 0 V  5 V, Inductive Load L = 3 mH
High- and Low-Side MOSFET Switching
(2nd Note 2)
-
2800
-
ns
tOFF
-
740
-
ns
trr
-
290
-
ns
EON
-
270
-
J
EOFF
-10-
J
RBSOA
Reverse Bias Safe Oper-
ating Area
VPN = 400 V, VCC = VBS = 15 V, ID = IDP, VDS = BVDSS,
TJ = 150°C
High- and Low-Side MOSFET Switching (2nd Note 3)
Full Square
Symbol
Parameter
Conditions
Min
Typ Max
Unit
IQCC
Quiescent VCC Current
VCC = 15 V,
VIN = 0 V
Applied Between VCC and COM
-
-
200
A
IQBS
Quiescent VBS Current
VBS = 15 V,
VIN = 0 V
Applied Between VB(U) - U,
VB(V) - V, VB(W) - W
-
-
100
A
UVCCD
Low-Side Under-Voltage
Protection (Figure 8)
VCC Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVCCR
VCC Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-Side Under-Voltage
Protection (Figure 9)
VBS Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
VTS
HVIC Temperature Sens-
ing Voltage Output
VCC = 15 V, THVIC = 25°C (2nd Note 4)
600
790
980
mV
VIH
ON Threshold Voltage
Logic HIGH Level
Applied between IN and COM
--
2.9
V
VIL
OFF Threshold Voltage
Logic LOW Level
0.8
-
-
V
Symbol
Parameter
Conditions
Min
Typ Max
Unit
VFB
Forward Voltage
IF = 0.1 A, TC = 25°C (2nd Note 5)
-
2.5
-
V
trrB
Reverse Recovery Time
IF = 0.1 A, TC = 25°C
-
80
-
ns


同様の部品番号 - FSB50550ASE

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
More results

同様の説明 - FSB50550ASE

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com