データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB50825A データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FSB50825A
部品情報  Motion SPMR 5 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50825A データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FSB50825A Datasheet HTML 2Page - Fairchild Semiconductor FSB50825A Datasheet HTML 3Page - Fairchild Semiconductor FSB50825A Datasheet HTML 4Page - Fairchild Semiconductor FSB50825A Datasheet HTML 5Page - Fairchild Semiconductor FSB50825A Datasheet HTML 6Page - Fairchild Semiconductor FSB50825A Datasheet HTML 7Page - Fairchild Semiconductor FSB50825A Datasheet HTML 8Page - Fairchild Semiconductor FSB50825A Datasheet HTML 9Page - Fairchild Semiconductor FSB50825A Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FSB50825A Rev. 1.1
Figure 10. Example of Application Circuit
4th Notes:
1. About pin position, refer to Figure 1.
2. RC-coupling (R5 and C5, R4 and C6) and C4 at each input of Motion SPM
® 5 product and MCU are useful to prevent improper input signal caused by surge-noise.
3. The voltage-drop across R3 affects the low-side switching performance and the bootstrap characteristics since it is placed between COM and the source terminal of the low-
side MOSFET. For this reason, the voltage-drop across R3 should be less than 1 V in the steady-state.
4. Ground-wires and output terminals, should be thick and short in order to avoid surge-voltage and malfunction of HVIC.
5. All the filter capacitors should be connected close to Motion SPM 5 product, and they should have good characteristics for rejecting high-frequency ripple current.
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
(1 ) COM
(2 ) VB(U)
(3 ) VCC(U)
(4 ) IN(UH)
(5 ) IN(UL)
(6 ) N.C
(7 ) VB(V)
(8 ) VCC(V)
(9 ) IN(VH)
(10 ) IN(VL)
(11 ) VTS
(12 ) VB(W)
(13 ) VCC(W)
(14 ) IN(WH)
(15 ) IN(WL)
(16 ) N.C
(17) P
(18 ) U , VS(U)
(19) NU
(22) NW
C1
15 V
Supply
C3
VDC
C2
R3
R4
C6
R5
C5
For current-sensing and protection
VTS
(21 ) V , VS(V)
(20) NV
(23 ) W , VS(W)
C
4
M


同様の部品番号 - FSB50825A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50825A FAIRCHILD-FSB50825A Datasheet
4Mb / 28P
   Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50825A ONSEMI-FSB50825A Datasheet
508Kb / 13P
   Motion SPM 5 Series
October 2016 Rev. 1.2
logo
Fairchild Semiconductor
FSB50825AS FAIRCHILD-FSB50825AS Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
logo
ON Semiconductor
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50825AT ONSEMI-FSB50825AT Datasheet
508Kb / 13P
   Motion SPM 5 Series
October 2016 Rev. 1.2
More results

同様の説明 - FSB50825A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com