データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBB20CH60D データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FSBB20CH60D
部品情報  Motion SPMR 3 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60D データシート(HTML) 5 Page - Fairchild Semiconductor

  FSBB20CH60D Datasheet HTML 1Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 2Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 3Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 4Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FSBB20CH60D Rev. 1.0
Absolute Maximum Ratings (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Control Part
Bootstrap Diode Part
Total System
Thermal Resistance
Note:
4. These values had been made an acquisition by the calculation considered to design factor.
5. For the measurement point of case temperature (TC), please refer to Figure 2.
Symbol
Parameter
Conditions
Rating
Unit
VPN
Supply Voltage
Applied between P - NU, NV, NW
450
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P - NU, NV, NW
500
V
VCES
Collector - Emitter Voltage
600
V
± IC
Each IGBT Collector Current
TC = 25°C, TJ 150°C (Note 4)
20
A
± ICP
Each IGBT Collector Current (Peak)
TC = 25°C, TJ  150°C, Under 1 ms Pulse
Width (Note 4)
40
A
PC
Collector Dissipation
TC = 25°C per One Chip (Note 4)
65
W
TJ
Operating Junction Temperature
-40 ~ 150
°C
Symbol
Parameter
Conditions
Rating
Unit
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L) - COM
20
V
VBS
High-Side Control Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V),
VB(W) - VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL) - COM
-0.3 ~ VCC+0.3
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3 ~ VCC+0.3
V
IFO
Fault Output Current
Sink Current at VFO pin
2
mA
VSC
Current Sensing Input Voltage
Applied between CSC - COM
-0.3 ~ VCC+0.3
V
Symbol
Parameter
Conditions
Rating
Unit
VRRM
Maximum Repetitive Reverse Voltage
600
V
IF
Forward Current
TC = 25°C, TJ 150°C (Note 4)
0.5
A
IFP
Forward Current (Peak)
TC = 25°C, TJ  150°C, Under 1 ms Pulse
Width (Note 4)
2.0
A
TJ
Operating Junction Temperature
-40 ~ 150
°C
Symbol
Parameter
Conditions
Rating
Unit
VPN(PROT)
Self Protection Supply Voltage Limit
(Short Circuit Protection Capability)
VCC = VBS = 13.5 ~ 16.5 V, TJ = 150°C,
Non-repetitive, < 2
s
400
V
TC
Module Case Operation Temperature
See Figure 2
-40 ~ 125
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, AC 1 minute, Connection
Pins to Heat Sink Plate
2500
Vrms
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Rth(j-c)Q
Junction to Case Thermal Resistance
(Note 5)
Inverter IGBT part (per 1 / 6 module)
-
-
1.90
°C / W
Rth(j-c)F
Inverter FWD part (per 1 / 6 module)
-
-
2.85
°C / W


同様の部品番号 - FSBB20CH60D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FSBB20CH60D ONSEMI-FSBB20CH60D Datasheet
758Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
More results

同様の説明 - FSBB20CH60D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB15CH60D FAIRCHILD-FSBB15CH60D Datasheet
717Kb / 15P
   Motion SPMR 3 Series
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com