データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB44104A データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FSB44104A
部品情報  Motion SPMR 45 LV Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB44104A データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FSB44104A Datasheet HTML 4Page - Fairchild Semiconductor FSB44104A Datasheet HTML 5Page - Fairchild Semiconductor FSB44104A Datasheet HTML 6Page - Fairchild Semiconductor FSB44104A Datasheet HTML 7Page - Fairchild Semiconductor FSB44104A Datasheet HTML 8Page - Fairchild Semiconductor FSB44104A Datasheet HTML 9Page - Fairchild Semiconductor FSB44104A Datasheet HTML 10Page - Fairchild Semiconductor FSB44104A Datasheet HTML 11Page - Fairchild Semiconductor FSB44104A Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
10
www.fairchildsemi.com
FSB44104A Rev. C0
Figure 8. Typical Application Circuit
2nd Notes:
1. To avoid malfunction, the wiring of each input should be as short as possible (less than 2~3 cm).
2. VFO output is open-drain type. This signal line should be pulled up to the positive side of the MCU or control power supply with a resistor that makes IFO up to 1 mA.
3. Input signal is active-HIGH type. There is a 5 kΩ resistor inside the IC to pull-down each input signal line to GND. RC coupling circuits is recommended for the prevention of
input signal oscillation. RFCF constant should be selected in the range 50 ~ 150 ns (recommended RS = 100 Ω , CPS = 1 nF).
4. Each capacitors should be mounted as close to the Motion SPM® module pins as possible.
5. The zener diode should be adopted for the protection of ICs from the surge destruction between each pair of control supply terminals(recommended zener diode = 24 V / 1 W).
Fault
+15V
CBS
CBS
CSP15
+5V
RPF
Motor
VDC
CDCS
Gating UH
Gating VH
Gating WL
Gating VL
Gating UL
CPF
M
C
U
RSH
Current Sensing
RS
RS
RS
RS
RS
RS
RBS DBS
RBS DBS
LVIC
VFO
VCC
IN(UL)
IN(VL)
IN(WL)
COM
OUT(UL)
OUT(VL)
OUT(WL)
NW (5)
U (4)
V (3)
W (2)
P (1)
(21) VS(W)
(22) VB(W)
(19) VS(V)
(20) VB(V)
(8) VFO
(11) IN(WL)
(10) IN(VL)
(9) IN(UL)
(12) COM
HVIC
VB(W)
COM
VS(W)
(16) IN(WH)
(15) IN(VH)
(17) VS(U)
(18) VB(U)
(14) IN(UH)
OUT(WH)
NV (6)
NU (7)
VB(V)
VS(V)
VB(U)
VS(U)
VCC
IN(WH)
IN(VH)
IN(UH)
OUT(VH)
OUT(UH)
VS(W)
VS(V)
VS(U)
(13) VCC
CBS
RBS DBS
CPS
CPS
CPS
Gating WH
CPS
CPS
CPS
CBSF
CBSF
CBSF
CSP15F


同様の部品番号 - FSB44104A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FSB44104A ONSEMI-FSB44104A Datasheet
681Kb / 14P
   Motion SPM 45 LV Series
December 2013 Rev. C0
More results

同様の説明 - FSB44104A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB43004A FAIRCHILD-FSB43004A Datasheet
860Kb / 12P
   Motion SPMR 45 LV Series
FNC42060F FAIRCHILD-FNC42060F Datasheet
919Kb / 16P
   Motion SPMR 45 Series
FNB40560 FAIRCHILD-FNB40560_15 Datasheet
992Kb / 16P
   Motion SPMR 45 Series
FNB43060T2 FAIRCHILD-FNB43060T2 Datasheet
1Mb / 15P
   Motion SPMR 45 Series
logo
ON Semiconductor
FSB44104A ONSEMI-FSB44104A Datasheet
681Kb / 14P
   Motion SPM 45 LV Series
December 2013 Rev. C0
FSB43004A ONSEMI-FSB43004A Datasheet
818Kb / 14P
   Motion SPM 45 LV Series
May 2015 Rev. 1.1
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com