データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM313 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM313
部品情報  Reference Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM313 データシート(HTML) 3 Page - Texas Instruments

  LM313 Datasheet HTML 1Page - Texas Instruments LM313 Datasheet HTML 2Page - Texas Instruments LM313 Datasheet HTML 3Page - Texas Instruments LM313 Datasheet HTML 4Page - Texas Instruments LM313 Datasheet HTML 5Page - Texas Instruments LM313 Datasheet HTML 6Page - Texas Instruments LM313 Datasheet HTML 7Page - Texas Instruments LM313 Datasheet HTML 8Page - Texas Instruments LM313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM113, LM313
www.ti.com
SNVS747A – SEPTEMBER 2011 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Power Dissipation (3)
100 mW
Reverse Current
50 mA
Forward Current
50 mA
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 seconds)
300°C
Operating Temperature Range
LM113
−55°C to+125°C
LM313
0°C to +70°C
(1)
Refer to the following RETS drawings for military specifications: RETS113-1X for LM113-1, RETS113-2X for LM113-2 or RETS113X for
LM113.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For operating at elevated temperatures, the device must be derated based on a 150°C maximum junction and a thermal resistance of
80°C/W junction to case or 440°C/W junction to ambient.
Electrical Characteristics
(1)
Parameter
Conditions
Min
Typ
Max
Units
Reverse Breakdown Voltage
LM113/LM313
IR = 1 mA
1.160
1.220
1.280
V
LM113-1
1.210
1.22
1.232
V
LM113-2
1.195
1.22
1.245
V
Reverse Breakdown Voltage Change
0.5 mA
≤ IR ≤ 20 mA
6.0
15
mV
IR = 1 mA
0.2
1.0
Ω
Reverse Dynamic Impedance
IR = 10 mA
0.25
0.8
Ω
Forward Voltage Drop
IF = 1.0 mA
0.67
1.0
V
10 Hz
≤ f ≤ 10 kHz
RMS Noise Voltage
5
μV
IR = 1 mA
Reverse Breakdown Voltage Change with Current
0.5 mA
≤ IR ≤ 10 mA
15
mV
TMIN ≤ TA ≤ TMAX
Breakdown Voltage Temperature Coefficient
1.0 mA
≤ IR ≤ 10 mA
0.01
%/°C
TMIN ≤ TA ≤ TMAX
(1)
These specifications apply for TA = 25°C, unless stated otherwise. At high currents, breakdown voltage should be measured with lead
lengths less than ¼ inch. Kelvin contact sockets are also recommended. The diode should not be operated with shunt capacitances
between 200 pF and 0.1
μF, unless isolated by at least a 100Ω resistor, as it may oscillate at some currents.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM113 LM313


同様の部品番号 - LM313

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM313 NSC-LM313 Datasheet
126Kb / 4P
   Reference Diode
logo
Connor-Winfield Corpora...
LM313-155.52M CONNOR-WINFIELD-LM313-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Shanghai Leiditech Elec...
LM3134KT LEIDITECH-LM3134KT Datasheet
480Kb / 4P
   N-Channel Enhancement Mode Fidld Effect Transistor
LM3139 LEIDITECH-LM3139 Datasheet
812Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
National Semiconductor ...
LM313H NSC-LM313H Datasheet
126Kb / 4P
   Reference Diode
More results

同様の説明 - LM313

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
   Reference Diode
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
   Reference Diode
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113QML TI1-LM113QML_13 Datasheet
297Kb / 10P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Texas Instruments
LM336BMX-2.5 TI1-LM336BMX-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
   Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
   FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com