データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM107QML データシート(PDF) 3 Page - Texas Instruments

部品番号 LM107QML
部品情報  Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM107QML データシート(HTML) 3 Page - Texas Instruments

  LM107QML_13 Datasheet HTML 1Page - Texas Instruments LM107QML_13 Datasheet HTML 2Page - Texas Instruments LM107QML_13 Datasheet HTML 3Page - Texas Instruments LM107QML_13 Datasheet HTML 4Page - Texas Instruments LM107QML_13 Datasheet HTML 5Page - Texas Instruments LM107QML_13 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OBSOLETE
LM107QML
www.ti.com
SNOSAP0B – MAY 2005 – REVISED APRIL 2013
Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp ( °C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
− 55
LM107 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. VCC = ±20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO
-2
2
mV
1
VCM = ±15V
-3
3
mV
2, 3
-2
2
mV
1
Input Offset Voltage
-3
3
mV
2, 3
-2
2
mV
1
VCC = ±5V
-3
3
mV
2, 3
IIO
-10
10
nA
1
VCM = ±15V
-20
20
nA
2, 3
-10
10
nA
1
Input Offset Current
-20
20
nA
2, 3
-10
10
nA
1
VCC = ±5V
-20
20
nA
2, 3
±IIB
1
75
nA
1
VCM = ±15V
1
100
nA
2, 3
1
75
nA
1
Input Bias Current
1
100
nA
2, 3
1
75
nA
1
VCC = ±5V
1
100
nA
2, 3
ICC
3
mA
1
Supply Current
2.5
mA
2
3.5
mA
3
-IOS
7
45
mA
1
Short Circuit Current
5
45
mA
2
7
50
mA
3
+IOS
-45
-7
mA
1
Short Circuit Current
-45
-5
mA
2
-50
-7
mA
3
+PSRR
+VCC = 20V to 5V,
Supply Voltage Rejection Ratio
80
dB
1, 2, 3
−VCC = −20V
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM107QML


同様の部品番号 - LM107QML_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM107QML TI1-LM107QML Datasheet
249Kb / 10P
[Old version datasheet]   LM107QML Operational Amplifier
More results

同様の説明 - LM107QML_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com