データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM107QML データシート(PDF) 4 Page - Texas Instruments

部品番号 LM107QML
部品情報  Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM107QML データシート(HTML) 4 Page - Texas Instruments

  LM107QML_13 Datasheet HTML 1Page - Texas Instruments LM107QML_13 Datasheet HTML 2Page - Texas Instruments LM107QML_13 Datasheet HTML 3Page - Texas Instruments LM107QML_13 Datasheet HTML 4Page - Texas Instruments LM107QML_13 Datasheet HTML 5Page - Texas Instruments LM107QML_13 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OBSOLETE
LM107QML
SNOSAP0B – MAY 2005 – REVISED APRIL 2013
www.ti.com
LM107 Electrical Characteristics DC Parameters (continued)
The following conditions apply, unless otherwise specified. VCC = ±20V, VCM = 0V, RS = 50Ω
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
-PSRR
Supply Voltage Rejection Ratio
-VCC = -20V to -5V, +VCC = 20V
80
dB
1, 2, 3
CMRR
Common Mode rejection Ratio
-15V <= VCM <= +15V
80
dB
1, 2, 3
RIN
Input Resistance
1.5
M
1
VIR
Input Voltage Range
See(1)
-15
+15
V
1, 2, 3
-AVS
VCC = ±15V, VOUT = 0 to -12V,
50
V/mV
4
RL = 10KΩ
VCC = ±15V, VOUT = 0 to -12V,
25
V/mV
5, 6
RL = 10KΩ
Large Signal Voltage Gain
VCC = ±15V, VOUT = 0 to -10V,
50
V/mV
4
RL = 2KΩ
VCC = ±15V, VOUT = 0 to -10V,
25
V/mV
5, 6
RL = 2KΩ
+AVS
VCC = ±15V, VOUT = 0 to 12V,
50
V/mV
4
RL = 10KΩ
VCC = ±15V, VOUT = 0 to 12V,
25
V/mV
5, 6
RL = 10KΩ
Large Signal Voltage Gain
VCC = ±15V, VOUT = 0 to 10V,
50
V/mV
4
RL = 2KΩ
VCC = ±15V, VOUT = 0 to 10V,
25
V/mV
5, 6
RL = 2KΩ
+VOP
VCC = ±15V, RL = 10KΩ
12
V
4, 5, 6
VCC = ±15V, RL = 2KΩ
10
V
4, 5, 6
Output Voltage Swing
RL = 10KΩ
16
V
4, 5, 6
RL = 2KΩ
15
V
4, 5, 6
-VOP
VCC = ±15V, RL = 10KΩ
-12
V
4, 5, 6
VCC = ±15V, RL = 2KΩ
-10
V
4, 5, 6
Output Voltage Swing
RL = 10KΩ
-16
V
4, 5, 6
RL = 2KΩ
-15
V
4, 5, 6
(1)
Ensured by CMRR.
LM107 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified. VCC = ±20V, VCM = 0V, RS = 50KΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
+SR
Slew Rate
VIN = -5V to +5V, AV = 1, RL = 2KΩ
0.2
V/
μS
7
-SR
Slew Rate
VIN = +5V to -5V, AV = 1, RL = 2KΩ
0.2
V/
μS
7
GBW
Gain Bandwidth
VIN = 50mVRMS, ƒ = 20KHZ, RL = 2KΩ
250
KHZ
7
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM107QML


同様の部品番号 - LM107QML_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM107QML TI1-LM107QML Datasheet
249Kb / 10P
[Old version datasheet]   LM107QML Operational Amplifier
More results

同様の説明 - LM107QML_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com