データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM107QML データシート(PDF) 1 Page - Texas Instruments

部品番号 LM107QML
部品情報  Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM107QML データシート(HTML) 1 Page - Texas Instruments

  LM107QML_13 Datasheet HTML 1Page - Texas Instruments LM107QML_13 Datasheet HTML 2Page - Texas Instruments LM107QML_13 Datasheet HTML 3Page - Texas Instruments LM107QML_13 Datasheet HTML 4Page - Texas Instruments LM107QML_13 Datasheet HTML 5Page - Texas Instruments LM107QML_13 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
6
8
4
5
7
3
1
-
+
OUTPUT
V
+
V
-
INPUTS
OBSOLETE
LM107QML
www.ti.com
SNOSAP0B – MAY 2005 – REVISED APRIL 2013
LM107QML Operational Amplifier
Check for Samples: LM107QML
1
FEATURES
DESCRIPTION
The
LM107
is
a
complete,
general
purpose
2
Offset Voltage 3 mV Maximum over
operational amplifier, with the necessary frequency
Temperature
compensation
built
into
the
chip.
Advanced
Input Current 100 nA Maximum over
processing techniques make the input currents a
Temperature
factor of ten lower than industry standards such as
the 709. Yet, they are a direct, plug-in replacement
Offset Current 20 nA Maximum over
for the 709, LM101A and 741. The LM107 offers the
Temperature
features of the LM101A, which makes its application
nearly foolproof. In addition, the device provides
better accuracy and lower noise in high impedance
circuitry. The low input currents also make it
particularly well suited for long interval integrators or
timers, sample and hold circuits and low frequency
waveform
generators.
Further,
replacing
circuits
where matched transistor pairs buffer the inputs of
conventional IC op amps, it can give lower offset
voltage and drift at a lower cost.
Connection Diagram
Figure 1. Metal Can Package (Top View)
See Package Number H08C
Note: Pin 4 connected to case.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM107QML_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM107QML TI1-LM107QML Datasheet
249Kb / 10P
[Old version datasheet]   LM107QML Operational Amplifier
More results

同様の説明 - LM107QML_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com