データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ABT244 データシート(PDF) 3 Page - Texas Instruments

部品番号 54ABT244
部品情報  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

54ABT244 データシート(HTML) 3 Page - Texas Instruments

  54ABT244_13 Datasheet HTML 1Page - Texas Instruments 54ABT244_13 Datasheet HTML 2Page - Texas Instruments 54ABT244_13 Datasheet HTML 3Page - Texas Instruments 54ABT244_13 Datasheet HTML 4Page - Texas Instruments 54ABT244_13 Datasheet HTML 5Page - Texas Instruments 54ABT244_13 Datasheet HTML 6Page - Texas Instruments 54ABT244_13 Datasheet HTML 7Page - Texas Instruments 54ABT244_13 Datasheet HTML 8Page - Texas Instruments 54ABT244_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OBSOLETE
54ABT244
www.ti.com
SNOS041B – JULY 1998 – REVISED APRIL 2013
DC ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
ABT244
Units
VCC
Conditions
Min
Typ
Max
IIL
Input LOW Current
−5
μA
Max
VIN = 0.5V
(1)
−5
VIN = 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 μA
All Other Pins Grounded
IOZH
Output Leakage Current
50
μA
0
VOUT = 2.7V; OEn = 2.0V
5.5V
IOZL
Output Leakage Current
−50
μA
0
VOUT = 0.5V; OEn = 2.0V
5.5V
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0.0V
ICEX
Output High Leakage Current
50
μA
Max
VOUT = VCC
IZZ
Bus Drainage Test
100
μA
0.0
VOUT = 5.5V; All Others GND
ICCH
Power Supply Current
50
μA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
μA
Max
OEn = VCC;
All Others at VCC or Ground
ICCT
Additional ICC/Input
Outputs Enabled
2.5
mA
Max
VI = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Enable Input VI = VCC − 2.1V
Outputs TRI-STATE
50
μA
Data Input VI = VCC − 2.1V
All Others at VCC or Ground
ICCD
Dynamic ICC
(2)
No Load
mA/
Max
Outputs Open
0.1
MHz
OEn = GND,
(3)
One Bit Toggling, 50% Duty Cycle
(2)
Ensured, but not tested.
(3)
For 8 bits toggling, ICCD < 0.8 mA/MHz.
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
54ABT
Units
Fig.
No.
TA = −55°C to +125°C
VCC = 4.5V–5.5V
CL = 50 pF
Min
Max
tPLH
Propagation Delay
1.0
5.3
ns
See Figure 24
tPHL
Data to Outputs
1.0
5.0
tPZH
Output Enable
0.8
6.5
ns
See Figure 23
tPZL
Time
1.2
7.9
tPHZ
Output Disable
1.2
7.6
ns
See Figure 23
tPLZ
Time
1.0
7.9
CAPACITANCE
Conditions
Symbol
Parameter
Typ
Units
TA = 25°C
CIN
Input Capacitance
5.0
pF
VCC = 0V
COUT
(1)
Output Capacitance
9.0
pF
VCC = 5.0V
(1)
COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: 54ABT244


同様の部品番号 - 54ABT244_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ABT244E-QML NSC-54ABT244E-QML Datasheet
251Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244E-QML NSC-54ABT244E-QML Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT244E-QMLV NSC-54ABT244E-QMLV Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT244J-QML NSC-54ABT244J-QML Datasheet
251Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244J-QML NSC-54ABT244J-QML Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

同様の説明 - 54ABT244_13

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com