データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML212S-12E データシート(PDF) 2 Page - MicroPower Direct, LLC

部品番号 ML212S-12E
部品情報  2W, Single Output Ultra-Miniature SMT DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPD [MicroPower Direct, LLC]
ホームページ  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML212S-12E データシート(HTML) 2 Page - MicroPower Direct, LLC

  ML212S-12E Datasheet HTML 1Page - MicroPower Direct, LLC ML212S-12E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Load
Regulation Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
% Typ.
ML205S-03E
5
4.50 - 5.50
339
30
3.3
400.0
40.0
18.0
78
1,000
ML205S-05E
5
4.50 - 5.50
506
30
5.0
400.0
40.0
12.0
79
1,000
ML205S-09E
5
4.50 - 5.50
489
30
9.0
222.0
22.0
9.0
82
1,000
ML205S-12E
5
4.50 - 5.50
489
30
12.0
167.0
17.0
8.0
82
1,000
ML205S-15E
5
4.50 - 5.5
482
30
15.0
133.0
13.0
7.0
83
1,000
ML212S-05E
12
10.8 - 13.2
211
25
5.0
400.0
40.0
12.0
79
500
ML212S-09E
12
10.8 - 13.2
203
25
9.0
222.0
22.0
9.0
82
500
ML212S-12E
12
10.8 - 13.2
203
25
12.0
167.0
17.0
8.0
82
500
ML212S-15E
12
10.8 - 13.2
201
25
15.0
133.0
13.0
7.0
83
500
ML212S-24E
12
10.8 - 13.2
198
25
24.0
83.0
8.0
6.0
84
500
ML215S-15E
15
13.5 - 16.5
160
18
15.0
133.0
13.0
7.0
83
400
ML224S-05E
24
21.6 - 26.4
105
15
5.0
400.0
40.0
12.0
79
250
ML224S-09E
24
21.6 - 26.4
102
15
9.0
222.0
22.0
9.0
82
250
ML224S-12E
24
21.6 - 26.4
102
15
12.0
167.0
17.0
8.0
82
250
ML224S-15E
24
21.6 - 26.4
100
15
15.0
133.0
13.0
7.0
83
250
ML224S-24E
24
21.6 - 26.4
97
15
24.0
83.0
8.0
6.0
86
250
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple, it is recommended that a 1 µF capacitor and a 10 µF capacitor be placed in
parallel from the +Vout pin to the -Vout pin.
3. It is recommended that the minimu output load should be at least 10%. Continuous operation below this level
could damage the unit.
4. These converters are specified for operation without external components. However, in some applications the
addition of input/output capacitors will enhance stability and reduce output ripple. The simple connection shown
below will typically meet EN 55022 Class B.
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the unit
Board Layout
Pin
Description
Pin
Description
1-VIN
4-VOUT
2+VIN
5+VOUT
8NC
NC = No Connection
Pin Connections
Derating Curve
VIN
C1
C2
L1
VOUT
C3
5 VDC
4.7 µF/50V
6.8 µH
3.3 VDC
10 µF
12 VDC
2.2 µF/50V
6.8 µH
5 VDC
10 µF
15 VDC
2.2 µF/50V
6.8 µH
9 VDC
4.7 µF
24 VDC
1.0 µF/50V
1 nF/2kV
6.8 µH
12 VDC
2.2 µF
Note: The 470 pF/2kV (C2) is only required on model
ML224S-24E
15 VDC
1.0 µF
24 VDC
0.47 µF
5. The recommended reflow settings are a peak temperature of 245 °C for a
maximum period (TPK) of 10S and a time above liquidous (TL) of <60 seconds at
217 °C. For more information, please contact the factory.
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.


同様の部品番号 - ML212S-12E

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
ML212S-12EI MPD-ML212S-12EI Datasheet
579Kb / 2P
   2W, High Isolation Ultra-Miniature SMT DC/DC Converters
More results

同様の説明 - ML212S-12E

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
ML200X MPD-ML200X Datasheet
1Mb / 5P
   Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
ML200SEI MPD-ML200SEI Datasheet
579Kb / 2P
   2W, High Isolation Ultra-Miniature SMT DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com