データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4027BM データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 CD4027BM
部品情報  Dual J-K Master/Slave Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4027BM データシート(HTML) 2 Page - National Semiconductor (TI)

  CD4027BM Datasheet HTML 1Page - National Semiconductor (TI) CD4027BM Datasheet HTML 2Page - National Semiconductor (TI) CD4027BM Datasheet HTML 3Page - National Semiconductor (TI) CD4027BM Datasheet HTML 4Page - National Semiconductor (TI) CD4027BM Datasheet HTML 5Page - National Semiconductor (TI) CD4027BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 VDC to a18 VDC
Input Voltage (VIN)
b
05V to VDD a05 VDC
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
3Vto15VDC
Input Voltage (VIN)
0VtoVDD VDC
Operating Temperature Range (TA)
CD4027BM
b
55 Cto a125 C
CD4027BC
b
40 Cto a85 C
DC Electrical Characteristics CD4027BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current VDD e 5V VIN e VDD or VSS
11
30
m
A
VDD e 10V VIN e VDD or VSS
22
60
m
A
VDD e 15V VIN e VDD or VSS
4
4
120
m
A
VOL
Low Level
lIOl k 1 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
lIOl k 1 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
VDD e 5V VO e 05V or 45V
15
15
15
V
Input Voltage
VDD e 10V VO e 1V or 9V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level
VDD e 5V VO e 05V or 45V
35
35
35
V
Input Voltage
VDD e 10V VO e 1V or 9V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
064
051
088
036
mA
Current (Note 3)
VDD e 10V VO e 05V
16
13
225
09
mA
VDD e 15V VO e 15V
42
34
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
064
b
051
b
088
b
036
mA
Current (Note 3)
VDD e 10V VO e 95V
b
16
b
13
b
225
b
09
mA
VDD e 15V VO e 135V
b
42
b
34
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
01
b
10b5 b01
b
10
m
A
VDD e 15V VIN e 15V
01
10b5
01
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2


同様の部品番号 - CD4027BM

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4027BM TI-CD4027BM Datasheet
531Kb / 12P
[Old version datasheet]   CMOS DUAL J-K MASTER-SLAVER FLIP-FLOP
CD4027BM TI-CD4027BM Datasheet
676Kb / 14P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027BM TI1-CD4027BM Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027BM96 TI-CD4027BM96 Datasheet
531Kb / 12P
[Old version datasheet]   CMOS DUAL J-K MASTER-SLAVER FLIP-FLOP
CD4027BM96 TI-CD4027BM96 Datasheet
676Kb / 14P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
More results

同様の説明 - CD4027BM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4027BCN FAIRCHILD-CD4027BCN Datasheet
68Kb / 6P
   Dual J-K Master/Slave Flip-Flop with Set and Reset
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
   DUAL J-K MASTER SLAVE FLIP-FLOP
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com