データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4538BM データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 CD4538BM
部品情報  Dual Precision Monostable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4538BM データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button CD4538BM Datasheet HTML 2Page - National Semiconductor (TI) CD4538BM Datasheet HTML 3Page - National Semiconductor (TI) CD4538BM Datasheet HTML 4Page - National Semiconductor (TI) CD4538BM Datasheet HTML 5Page - National Semiconductor (TI) CD4538BM Datasheet HTML 6Page - National Semiconductor (TI) CD4538BM Datasheet HTML 7Page - National Semiconductor (TI) CD4538BM Datasheet HTML 8Page - National Semiconductor (TI) CD4538BM Datasheet HTML 9Page - National Semiconductor (TI) CD4538BM Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Typical Applications (Continued)
TLF6000 – 15
TLF6000 – 16
FIGURE 9 Typical Normalized Distribution of Units
for Output Pulse Width
FIGURE 12 Typical Pulse Width Error
Versus Temperature
TLF6000 – 17
TLF6000 – 18
FIGURE 10 Typical Pulse Width Variation as a
Function of Supply Voltage VDD
FIGURE 13 Typical Pulse Width Error
Versus Temperature
TLF6000 – 19
TLF6000 – 20
FIGURE 11 Typical Total Supply Current Versus
Output Duty Cycle RX e 100 kX CL e 50 pF
CX e 100 pF One Monostable Switching Only
FIGURE 14 Typical Pulse Width Versus
Timing RC Product
8


同様の部品番号 - CD4538BM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC Datasheet
135Kb / 11P
   Dual Precision Monostable
CD4538BC FAIRCHILD-CD4538BC Datasheet
139Kb / 11P
   Dual Precision Monostable
CD4538BCM FAIRCHILD-CD4538BCM Datasheet
135Kb / 11P
   Dual Precision Monostable
CD4538BCM FAIRCHILD-CD4538BCM Datasheet
139Kb / 11P
   Dual Precision Monostable
CD4538BCN FAIRCHILD-CD4538BCN Datasheet
135Kb / 11P
   Dual Precision Monostable
More results

同様の説明 - CD4538BM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC_02 Datasheet
139Kb / 11P
   Dual Precision Monostable
CD4538BC FAIRCHILD-CD4538BC Datasheet
135Kb / 11P
   Dual Precision Monostable
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com