データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES239 データシート(PDF) 11 Page - Cyrustek corporation

部品番号 ES239
部品情報  6000 Counts DMM / Inrush
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES239 データシート(HTML) 11 Page - Cyrustek corporation

Back Button ES239 Datasheet HTML 7Page - Cyrustek corporation ES239 Datasheet HTML 8Page - Cyrustek corporation ES239 Datasheet HTML 9Page - Cyrustek corporation ES239 Datasheet HTML 10Page - Cyrustek corporation ES239 Datasheet HTML 11Page - Cyrustek corporation ES239 Datasheet HTML 12Page - Cyrustek corporation ES239 Datasheet HTML 13Page - Cyrustek corporation ES239 Datasheet HTML 14Page - Cyrustek corporation ES239 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
V 2.2
11
2015/12/15
ES239
6000 Counts DMM / Inrush
1.6.
SCAN RSDC measurement
ES239 provide the smart auto check mode for the DUT type. It could scan the four types of device
Resistor / Shorted / Diode / Capacitor. Push KEY to change to individual function is available. It
could increase the measurement ranges.
The following table summarizes the detective range for the smart scan RSDC mode.
Mode
FC1~4
SLACDC
Available scanning range
Scan RSDC
1,1,1,0
0
R: ~ 6M
Ω (Parasitic capacitance < 100pF)
S: < 30
Ω buzzer ON
D: forward/reverse diode direction
C: ~ 600uF (Minimum 500pF)
1.7.
Resistance Measurement
A re-configurable divider automatically provides a suitable Full-Scale range in resistance
measurement mode.
The following table summarizes the full-scale ranges and the reference resistors in each
configuration.
Configuration
Full Scale Range
Relative Resistor
Equivalent value
OR0
60.00
OR1
100Ω
OR1
60
0.0Ω
OR1
100Ω
OR2
6.0
00KΩ
VR5
1KΩ
OR3
60
.00KΩ
VR4 || VR1
10KΩ
OR4
60
0.0KΩ
VR3 || VR1
100KΩ
OR5
6.0
00MΩ
VR2 || VR1
1MΩ
OR6
60
.00MΩ
VR1
10MΩ


同様の部品番号 - ES239

メーカー部品番号データシート部品情報
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
More results

同様の説明 - ES239

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com