データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-1462000-5 データシート(PDF) 2 Page - Tyco Electronics

部品番号 5-1462000-5
部品情報  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1462000-5 データシート(HTML) 2 Page - Tyco Electronics

  5-1462000-5 Datasheet HTML 1Page - Tyco Electronics 5-1462000-5 Datasheet HTML 2Page - Tyco Electronics 5-1462000-5 Datasheet HTML 3Page - Tyco Electronics 5-1462000-5 Datasheet HTML 4Page - Tyco Electronics 5-1462000-5 Datasheet HTML 5Page - Tyco Electronics 5-1462000-5 Datasheet HTML 6Page - Tyco Electronics 5-1462000-5 Datasheet HTML 7Page - Tyco Electronics 5-1462000-5 Datasheet HTML 8Page - Tyco Electronics 5-1462000-5 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 pole telecom/signal relay
Through Hole Type (THT)
Non-polarized. non-latching 1 coil
Features
– Telecom/signal relay (dry circuit, test access, ringing)
– Slim line 20 x 10 mm, 0.795 x 0.393 inch
– Switching current 2 A
– 2 changeover contacts (2 form C / DPDT)
– Bifurcated contacts
– Meets FCC Part 68 and ITU-T K20
Typical applications
– Communications equipment
Linecard application – analog, ISDN, xDSL
PABX
Voice over IP
– Office and business equipment
– Measurement and control equipment
– Consumer electronics
– Set top boxes, HiFi
– Medical equipment
- Automotive Equipment
MT2 Relay
UL 508
File No. E 111441
IEC 61811-52:02
(QC160504)
Page 2 (9)
108-98006 Rev. C
European Directive conformance:
MT2 relay product conformance according to:
-
Directive 2000/53/EC: ELV (End of Life of Vehicles)
-
Directive 2002/95/EC: ROHS (Restrictions of the
use of certain hazardous substances in electrical and
electronic equipment)
Compliance is evidenced by written declaration from all raw
material suppliers.
Tyco Electronics AXICOM only has responsibility for the proper
processing of these materials.
Confirmation is valid for date codes ≥ 0416


同様の部品番号 - 5-1462000-5

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5-1462000-5 MACOM-5-1462000-5 Datasheet
488Kb / 9P
   MT2 Relay
5-1462000-5 MACOM-5-1462000-5 Datasheet
488Kb / 9P
   The Best Relaytion
More results

同様の説明 - 5-1462000-5

メーカー部品番号データシート部品情報
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
   Non-latching relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com