データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1462000-1 データシート(PDF) 6 Page - Tyco Electronics

部品番号 4-1462000-1
部品情報  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1462000-1 データシート(HTML) 6 Page - Tyco Electronics

  4-1462000-1 Datasheet HTML 1Page - Tyco Electronics 4-1462000-1 Datasheet HTML 2Page - Tyco Electronics 4-1462000-1 Datasheet HTML 3Page - Tyco Electronics 4-1462000-1 Datasheet HTML 4Page - Tyco Electronics 4-1462000-1 Datasheet HTML 5Page - Tyco Electronics 4-1462000-1 Datasheet HTML 6Page - Tyco Electronics 4-1462000-1 Datasheet HTML 7Page - Tyco Electronics 4-1462000-1 Datasheet HTML 8Page - Tyco Electronics 4-1462000-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Contact Data
Number of contacts and type
Contact assembly
Contact material
Limiting continuous current at max. ambient temperature
Maximum switching current
Maximum swichting voltage
Maximum switching capacity
Thermoelectric potential
Minimum switching voltage
Initial contact resistance / measuring condition: 10 mA / 20 mV
Electrical endurance
Contact application 0 (30 mV/ 10 mA)
Cable load open end
Resistive load
150 V / 0.2 A - 30 W
24 V / 1.25 A - 30 W
Mechanical endurance
UL contact ratings
2 changeover contacts
Bifurcated contacts
Silver-nickel, gold-covered
2 A
2 A
220 Vdc
250 Vac
60 W, 62.5 VA
< 10 mV
100 mV
< 70 mW
min. 5 x 106 operations
min. 2.5 x 106 operations
min. 2.0 x 105 operations
min. 2.0 x 105 operations
typ. 108 operations
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
MT2 Relay
Insulation
Insulation resistance at 500 Vdc
Dielectric test voltage (1 min)
between coil and contacts
between adjacent contact sets
between open contacts
Surge voltage resistance
according to FCC 68 (10 / 160 ms) and IEC (10 / 700 ms)
between coil and contacts
between adjacent contact sets
between open contacts
> 109 W
1050 Vrms
750 Vrms
750 Vrms
1500 V
1500 V
1500 V
Page 6 (9)
108-98006 Rev. C
Max. DC load breaking capacity
DC current [A]


同様の部品番号 - 4-1462000-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
4-1462000-1 MACOM-4-1462000-1 Datasheet
488Kb / 9P
   MT2 Relay
4-1462000-1 MACOM-4-1462000-1 Datasheet
488Kb / 9P
   The Best Relaytion
More results

同様の説明 - 4-1462000-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
   Non-latching relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com