データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ34202RVQT データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ34202RVQT
部品情報  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202RVQT データシート(HTML) 1 Page - Texas Instruments

  LMZ34202RVQT Datasheet HTML 1Page - Texas Instruments LMZ34202RVQT Datasheet HTML 2Page - Texas Instruments LMZ34202RVQT Datasheet HTML 3Page - Texas Instruments LMZ34202RVQT Datasheet HTML 4Page - Texas Instruments LMZ34202RVQT Datasheet HTML 5Page - Texas Instruments LMZ34202RVQT Datasheet HTML 6Page - Texas Instruments LMZ34202RVQT Datasheet HTML 7Page - Texas Instruments LMZ34202RVQT Datasheet HTML 8Page - Texas Instruments LMZ34202RVQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Output Current (A)
PVIN = 12 V
PVIN = 24 V
C001
V
OUT
= 5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMZ34202
SNVSAJ2 – MARCH 2016
LMZ34202 SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
1
1 Features
1
Complete Integrated Power Solution Allows
Small Footprint, Low-Profile Design
10 mm × 10 mm × 4.3 mm Package
Wide-Output Voltage Adjust (2.5 V to 7.5 V)
Adjustable Switching Frequency
(200 kHz to 1 MHz)
Synchronizes to an External Clock
Automatic PFM Mode for Light Load Efficiency
Adjustable Soft-Start Time
Output Voltage Sequencing / Tracking
Power Good Output
Programmable Undervoltage Lockout (UVLO)
Over-Temperature Thermal Shutdown Protection
Over-Current Protection (Hiccup Mode)
Pre-Bias Output Start-Up
Operating Temperature Range: –40°C to 105°C
Enhanced Thermal Performance: 14°C/W
Meets EN55022 Class B Emissions
– Integrated Shielded Inductor
2 Applications
Industrial and Motor Controls
Automated Test Equipment
Medical and Imaging Equipment
High Density Power Systems
3 Description
The LMZ34202 SIMPLE SWITCHER® power module
is an easy-to-use integrated power supply that
combines a 2-A DC-DC converter with a shielded
inductor and passives into a low profile, QFN
package. This total power solution allows as few as
three external components while maintaining an
ability to adjust key parameters to meet specific
design requirements.
The QFN package is easy to solder to a printed
circuit board, allows reflow profiles up to 260°C, and
has
excellent
power
dissipation
capability.
The
LMZ34202 offers flexibilty with many features and is
ideal for powering a wide range of devices and
systems.
Device Information(1)
DEVICE NUMBER
PACKAGE
BODY SIZE
LMZ34202
QFN (43)
10.0 mm × 10.0 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application
Efficiency vs Output Current


同様の部品番号 - LMZ34202RVQT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

同様の説明 - LMZ34202RVQT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com